Electronic Components Datasheet Search
  English  ▼

X  

HT32F1653 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT32F1653
Description  32-bit ARM Cortex -M3 Microcontroller, up to 64KB Flash and 16KB SRAM with 1 MSPS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1653 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT32F1653 Datasheet HTML 28Page - Holtek Semiconductor Inc HT32F1653 Datasheet HTML 29Page - Holtek Semiconductor Inc HT32F1653 Datasheet HTML 30Page - Holtek Semiconductor Inc HT32F1653 Datasheet HTML 31Page - Holtek Semiconductor Inc HT32F1653 Datasheet HTML 32Page - Holtek Semiconductor Inc HT32F1653 Datasheet HTML 33Page - Holtek Semiconductor Inc HT32F1653 Datasheet HTML 34Page - Holtek Semiconductor Inc HT32F1653 Datasheet HTML 35Page - Holtek Semiconductor Inc HT32F1653 Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
Rev. 1.00
3� of 46
�an�a�� ��� �01�
3�-bit ARM® Co�tex™-M3 MCU
HT3�F16�3/HT3�F16�4
Table 10 Low Speed External Clock (LSE) Characteristics
TA = ��°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max Unit
fLSE
Low Speed Exte�nal oscillato�
f�eq�enc� (LSE)
VDD33 = VBAT = 3.3 V
— 3�.76� — kHz
CLSE
Recommended load capacitance on
XTAL3�KIN and XTAL3�KOUT pins
—
—
TBD
—
pF
RFLSE
Recommended exte�nal feedback
�esisto� between XTAL3�KIN and
XTAL3�KOUT pins
—
—
10
—
MΩ
DLSE
LSE oscillato� D�t� c�cle
40
—
60
%
IDDLSE
LSE Oscillato� Ope�ating c���ent
VDD33 = VBAT = 3.3 V�
LSESM = 0
(No�mal sta�t�p mode)
—
1.7
—
μA
ISTBLSE
LSE Oscillato� Standb� c���ent
VDD33 = VBAT = 3.3 V�
LSESM = 1
(Fast sta�t�p mode)
—
3
�
μA
tSULSE
LSE Oscillato� Sta�t�p time
VDD33 = VBAT = 3.3 V�
LSESM = 1
(Fast sta�t�p mode)
—
�00
—
ms
Note: The following PCB la�o�t g�idelines a�e �ecommended to inc�ease the stabilit� of the c��stal ci�-
c�it fo� the HSE/LSE clock:
■
The crystal oscillator should be located as close as possible to the MCU to minimise trace length
thus reducing parasitic capacitance.
■
Use a ground plane as a shield under the crystal circuit to reduce the effects of noise
interference..
■
Route high frequency signals away from crystal oscillator area to prevent crosstalk.
Internal Clock Characteristics
Table 11 High Speed Internal Clock (HSI) Characteristics
TA = ��°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min Typ Max Unit
fHSI
High Speed Inte�nal Oscillato�
F�eq�enc� (HSI)
VDD33 = 3.3 V�
TA = -40°C ~ +��°C
—
�
—
MHz
ACCHSI HSI Oscillato� F�eq�enc� acc��ac�
Facto��-t�immed�
VDD33 = 3.3 V�
TA = -40°C ~ +��°C
-�
—
+�
%
DHSI
HSI Oscillato� D�t� c�cle
VDD33 = 3.3 V� fHSI = � MHz
3�
—
6�
%
IDDHSI
HSI Oscillato� c���ent
VDD33 = 3.3 V� fHSI = � MHz
—
0.9�
—
mA
tSUHSI
HSI Oscillato� Sta�t�p time
VDD33 = 3.3 V� fHSI = � MHz�
HSIRCBL = 0 (HSI Read�
Co�nte� Bits Length 7 Bits )
—
17
—
μs
Note: HSIRCBL field is in PWRCU HSIRCR register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com