Electronic Components Datasheet Search
  English  ▼

X  

HT66F019 Datasheet(PDF) 103 Page - Holtek Semiconductor Inc

Part # HT66F019
Description  A/D Flash MCU with EEPROM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F019 Datasheet(HTML) 103 Page - Holtek Semiconductor Inc

Back Button HT66F019 Datasheet HTML 99Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 100Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 101Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 102Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 103Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 104Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 105Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 106Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 107Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 175 page
background image
Rev. 1.00
10�
De�e��e� 01� �01�
Rev. 1.00
103
De�e��e� 01� �01�
HT66F019
A/D Flash MCU with EEPROM
HT66F019
A/D Flash MCU with EEPROM
A/D Converter Register Description
OveralloperationoftheA/Dconverteriscontrolledusingseveralregisters.Areadonlyregisterpair
existstostoretheA/Dconverterdata12-bitvalue.Theremainingtworegistersarecontrolregisters
whichsetuptheoperatingandcontrolfunctionoftheA/Dconverter.
Register
Name
Bit
7
6
5
4
3
2
1
0
SADOH (ADRFS=0)
D11
D10
D9
D8
D�
D6
D5
D4
SADOL (ADRFS=0)
D3
D�
D1
D0
—
—
—
—
SADOH (ADRFS=1)
—
—
—
—
D11
D10
D9
D8
SADOL (ADRFS=1)
D�
D6
D5
D4
D3
D�
D1
D0
SADC0
START
ADBZ
ADCEN
ADRFS
SACS3
SACS�
SACS1
SACS0
SADC1
SAINS�
SAINS1
SAINS0
SAVRS1
SAVRS0
SACKS� SACKS1 SACKS0
ACERL
ACE�
ACE6
ACE5
ACE4
ACE3
ACE�
ACE1
ACE0
A/D Converter Register List
A/D Converter Data Registers – SADOL, SADOH
Asthedevicecontainsaninternal12-bitA/Dconverter,itrequirestwodataregisterstostorethe
convertedvalue.Theseareahighbyteregister,knownasSADOH,andalowbyteregister,known
asSADOL.Aftertheconversionprocesstakesplace,theseregisterscanbedirectlyreadbythe
microcontrollertoobtainthedigitisedconversionvalue.Asonly12bitsofthe16-bitregisterspace
isutilised,theformatinwhichthedataisstorediscontrolledbytheADRFSbitintheSADC0
registerasshownintheaccompanyingtable.D0~D11aretheA/Dconversionresultdatabits.Any
unusedbitswillbereadaszero.NotethatA/DConverterdataregistercontentswillbeunchangedif
theA/Dconverterisdisabled.
ADRFS
SADOH
SADOL
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
0
D11 D10
D9
D8
D�
D6
D5
D4
D3
D�
D1
D0
0
0
0
0
1
0
0
0
0
D11 D10
D9
D8
D�
D6
D5
D4
D3
D�
D1
D0
A/D Data Register Pair
A/D Converter Control Registers – SADC0, SADC1, ACERL
TocontrolthefunctionandoperationoftheA/Dconverter,threecontrolregistersknownasSADC0
andSADC1andACERLareprovided.These8-bitregistersdefinefunctionssuchastheselectionof
whichanalogchannelisconnectedtotheinternalA/Dconverter,thedigitiseddataformat,theA/D
clocksourceaswellascontrollingthestartfunctionandmonitoringtheA/Dconverterbusystatus.
Asthedevicecontainsonlyoneactualanalogtodigitalconverterhardwarecircuit,eachofthe
externalorinternalanalogsignalinputsmustberoutedtotheconverter.TheSACS3~SACS0bitsin
theSADC0registerareusedtodeterminewhichexternalchannelinputisselectedtobeconverted.
TheSAINS2~SAINS0bitsintheSADC1registerareusedtodeterminethattheanalogsignaltobe
convertedcomesfromtheinternalanalogsignalorexternalanalogchannelinput.
TheACERLcontrolregistercontainstheACE7~ACE0bitswhichdeterminewhichpinsonI/OPort
areusedasanaloginputsfortheA/DconverterinputandwhichpinsarenottobeusedastheA/D
converterinput.SettingthecorrespondingbithighwillselecttheA/Dinputfunction,clearingthe
bittozerowillselecteithertheI/Oorotherpin-sharedfunction.Whenthepinisselectedtobean
A/Dinput,itsoriginalfunctionwhetheritisanI/Oorotherpin-sharedfunctionwillberemoved.In
addition,anyinternalpull-highresistorsconnectedtothesepinswillbeautomaticallyremovedifthe
pinisselectedtobeanA/Dinput.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com