Electronic Components Datasheet Search
  English  ▼

X  

HT66F019 Datasheet(PDF) 106 Page - Holtek Semiconductor Inc

Part # HT66F019
Description  A/D Flash MCU with EEPROM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F019 Datasheet(HTML) 106 Page - Holtek Semiconductor Inc

Back Button HT66F019 Datasheet HTML 102Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 103Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 104Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 105Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 106Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 107Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 108Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 109Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 110Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 175 page
background image
Rev. 1.00
106
De�e��e� 01� �01�
Rev. 1.00
10�
De�e��e� 01� �01�
HT66F019
A/D Flash MCU with EEPROM
HT66F019
A/D Flash MCU with EEPROM
Bit4
ACE4:DefinePA5isA/Dinputornot
0:NotA/Dinput
1:A/Dinput,AN4
Bit3
ACE3:DefinePA4isA/Dinputornot
0:NotA/Dinput
1:A/Dinput,AN3
Bit2
ACE2:DefinePB2isA/Dinputornot
0:NotA/Dinput
1:A/Dinput,AN2
Bit1
ACE1:DefinePB1isA/Dinputornot
0:NotA/Dinput
1:A/Dinput,AN1
Bit0
ACE0:DefinePB0isA/Dinputornot
0:NotA/Dinput
1:A/Dinput,AN0
A/D Converter Operation
TheSTARTbitintheSADC0registerisusedtostarttheA/Dconversion.Whenthemicrocontroller
setsthisbitfromlowtohighandthenlowagain,ananalogtodigitalconversioncyclewillbeinitiated.
TheADBZbitintheSADC0registerisusedtoindicatewhethertheanalogtodigitalconversion
processisinprogressornot.Thisbitwillbeautomaticallysetto1bythemicrocontrollerafteran
A/Dconversionissuccessfullyinitiated.WhentheA/Dconversioniscomplete,theADBZwillbe
clearedto0.Inaddition,thecorrespondingA/Dinterruptrequestflagwillbesetintheinterrupt
controlregister,andiftheinterruptsareenabled,anappropriateinternalinterruptsignalwillbe
generated.ThisA/DinternalinterruptsignalwilldirecttheprogramflowtotheassociatedA/D
internalinterruptaddressforprocessing.IftheA/Dinternalinterruptisdisabled,themicrocontroller
canpolltheADBZbitintheSADC0registertocheckwhetherithasbeenclearedasanalternative
methodofdetectingtheendofanA/Dconversioncycle.
TheclocksourcefortheA/Dconverter,whichoriginatesfromthesystemclockfSYS,canbechosen
tobeeitherfSYSorasubdividedversionoffSYS.Thedivisionratiovalueisdeterminedbythe
SACKS2~SACKS0bitsintheSADC1register.AlthoughtheA/Dclocksourceisdeterminedby
thesystemclockfSYSandbybitsSACKS2~SACKS0,therearesomelimitationsonthemaximum
A/Dclocksourcespeedthatcanbeselected.AstherecommendedrangeofpermissibleA/Dclock
period,tADCK,isfrom0.5μsto10μs,caremustbetakenforsystemclockfrequencies.Forexample,
asthesystemclockoperatesatafrequencyof8MHz,theSACKS2~SACKS0bitsshouldnotbeset
to000,001or111.DoingsowillgiveA/Dclockperiodsthatarelessthantheminimumorlarger
thanthemaximumA/DclockperiodwhichmayresultininaccurateA/Dconversionvalues.Refer
tothefollowingtableforexamples,wherevaluesmarkedwithanasterisk*showwhere,depending
uponthedevice,specialcaremustbetaken,asthevaluesmaybelessorlargerthanthespecifiedA/D
ClockPeriodrange.
fSYS
A/D Clock Period (tADCK)
SACKS[2:0]
= 000
(fSYS)
SACKS[2:0]
= 001
(fSYS/2)
SACKS[2:0]
= 010
(fSYS/4)
SACKS[2:0]
= 011
(fSYS/8)
SACKS[2:0]
= 100
(fSYS/16)
SACKS[2:0]
= 101
(fSYS/32)
SACKS[2:0]
= 110
(fSYS/64)
SACKS[2:0]
= 111
(fSYS/128)
1MHz
1μs
2μs
4μs
8μs
16μs *
32μs *
64μs *
128μs *
�MHz
500ns
1μs
2μs
4μs
8μs
16μs *
32μs *
64μs *
4MHz
�50ns *
500ns
1μs
2μs
4μs
8μs
16μs *
32μs *
8MHz
1�5ns *
�50ns *
500ns
1μs
2μs
4μs
8μs
16μs *
1�MHz
83ns*
16�ns*
333ns*
66�ns
1.33μs
2.67μs
5.33μs
10.67μs*
16MHz
6�.5ns*
1�5ns*
�50ns*
500ns
1μs
2μs
4μs
8μs
A/D Clock Period Examples



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com