Electronic Components Datasheet Search
  English  ▼

X  

HT66F019 Datasheet(PDF) 113 Page - Holtek Semiconductor Inc

Part # HT66F019
Description  A/D Flash MCU with EEPROM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F019 Datasheet(HTML) 113 Page - Holtek Semiconductor Inc

Back Button HT66F019 Datasheet HTML 109Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 110Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 111Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 112Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 113Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 114Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 115Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 116Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 117Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 175 page
background image
Rev. 1.00
11�
De�e��e� 01� �01�
Rev. 1.00
113
De�e��e� 01� �01�
HT66F019
A/D Flash MCU with EEPROM
HT66F019
A/D Flash MCU with EEPROM
• CPC Register
Bit
7
6
5
4
3
2
1
0
Na�e
CSEL
CEN
CPOL
COUT
COS
CMPEG1 CMPEG0 CHYEN
R/W
R/W
R/W
R/W
R
R/W
R/W
R/W
R/W
POR
1
0
0
0
0
0
0
1
Bit7
CSEL:SelectComparatorpinsorI/Opins
0:I/Opinselect
1:ComparatorinputpinC+andC-selected
ThisistheComparatorinputpinorI/Opinselectbit.Ifthebitishighthecomparator
inputpinswillbeenabled.Asaresult,thesetwopinswilllosetheirI/Opinfunctions.
Anypull-highconfigurationoptionsassociatedwiththecomparatorsharedpinswill
alsobeautomaticallydisconnected.
Bit6
CEN:ComparatorOn/Offcontrol
0:Off
1:On
ThisistheComparatoron/offcontrolbit.Ifthebitiszerothecomparatorwillbe
switchedoffandnopowerconsumedevenifanalogvoltagesareappliedtoitsinputs.
Forpowersensitiveapplicationsthisbitshouldbeclearedtozeroifthecomparatoris
notusedorbeforethedeviceenterstheSLEEPorIDLEmode.
Bit5
CPOL:Comparatoroutputpolarity
0:OutputNon-invert
1:OutputInvert
Thisisthecomparatorpolaritybit.IfthebitiszerothentheCOUTbitwillreflect
thenon-invertedoutputconditionofthecomparator.Ifthebitishighthecomparator
COUTbitwillbeinverted.
Bit4
COUT:Comparatoroutputbit
CPOL=0
0:C+<C-
1:C+>C-
CPOL=1
0:C+>C-
1:C+<C-
Thisbitstoresthecomparatoroutputbit.Thepolarityofthebitisdeterminedbythe
voltagesonthecomparatorinputsandbytheconditionoftheCPOLbit.
Bit3
COS:Outputpathselection
0:CXpin(compareoutputcanoutputtoCXpin)
1:I/Opin(compareoutputonlyinternaluse)
Bit2~1
CMPEG1~CMPEG0:Comparatoroutputinterruptedgetriggerselection
00:InterruptwillbegeneratedatrisingedgeofCOUT
01:InterruptwillbegeneratedatfallingedgeofCOUT
1x:Interruptwillbegeneratedatrising/fallingedgeofCOUT
Bit0
CHYEN:HysteresisControl
0:Off
1:On
Thisisthehysteresiscontrolbitandifsethighwillapplyalimitedamountof
hysteresistothecomparator,asspecifiedintheComparatorElectricalCharacteristics
table.Thepositivefeedbackinducedbyhysteresisreducestheeffectofspurious
switchingnearthecomparatorthreshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com