Electronic Components Datasheet Search
  English  ▼

X  

HT66F019 Datasheet(PDF) 124 Page - Holtek Semiconductor Inc

Part # HT66F019
Description  A/D Flash MCU with EEPROM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F019 Datasheet(HTML) 124 Page - Holtek Semiconductor Inc

Back Button HT66F019 Datasheet HTML 120Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 121Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 122Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 123Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 124Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 125Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 126Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 127Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 128Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 175 page
background image
Rev. 1.00
1�4
De�e��e� 01� �01�
Rev. 1.00
1�5
De�e��e� 01� �01�
HT66F019
A/D Flash MCU with EEPROM
HT66F019
A/D Flash MCU with EEPROM
Bit
7
6
5
4
3
2
1
0
Na�e
D�
D6
D5
D4
D3
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
x
x
x
x
x
x
x
x
"x": unknown
• SIMA Register
TheSIMAregisterisalsousedbytheSPIinterfacebuthasthenameSIMC2.TheSIMAregisteris
thelocationwherethe7-bitslaveaddressoftheslavedeviceisstored.Bits7~1oftheSIMAregister
definethedeviceslaveaddress.Bit0isnotdefined.
Whenamasterdevice,whichisconnectedtotheI2Cbus,sendsoutanaddress,whichmatchesthe
slaveaddressintheSIMAregister,theslavedevicewillbeselected.NotethattheSIMAregisteris
thesameregisteraddressasSIMC2whichisusedbytheSPIinterface.
Bit
7
6
5
4
3
2
1
0
Na�e
SIMA6
SIMA5
SIMA4
SIMA3
SIMA�
SIMA1
SIMA0
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
x
x
x
x
x
x
x
x
"x": unknown
Bit7~1
SIMA6~SIMA0:I2Cslaveaddress
SIMA6~SIMA0istheI2Cslaveaddressbit6~bit0
Bit0
D0:Undefinedbit
Thebitcanbereadorwrittenbytheapplicationprogram.
TherearealsothreecontrolregistersfortheI2Cinterface,SIMC0,SIMC1andSIMTOC.The
registerSIMC0isusedtocontroltheenable/disablefunctionandtosetthedatatransmission
clockfrequency.TheSIMC1registercontainstherelevantflagswhichareusedtoindicatetheI2C
communicationstatus.TheSIMTOCregisterisusedtocontroltheI2Cbustime-outfunctionwhich
isdescribedintheI2CTime-outControlsection.
• SIMC0 Register
Bit
7
6
5
4
3
2
1
0
Na�e
SIM�
SIM1
SIM0
—
SIMDEB1 SIMDEB0 SIMEN
SIMICF
R/W
R/W
R/W
R/W
—
R/W
R/W
R/W
R/W
POR
1
1
1
—
0
0
0
0
Bit7~5
SIM2~SIM0:SIMOperatingModeControl
000:SPImastermode;SPIclockisfSYS/4
001:SPImastermode;SPIclockisfSYS/16
010:SPImastermode;SPIclockisfSYS/64
011:SPImastermode;SPIclockisfSUB
100:SPImastermode;SPIclockisPTMCCRPmatchfrequency/2
101:SPIslavemode
110:I2Cslavemode
111:NonSIMfunction
ThesebitssetuptheoveralloperatingmodeoftheSIMfunction.Aswellasselecting
iftheI2CorSPIfunction,theyareusedtocontroltheSPIMaster/Slaveselectionand
theSPIMasterclockfrequency.TheSPIclockisafunctionofthesystemclockbut
canalsobechosentobesourcedfromPTMandfSUB.IftheSPISlaveModeisselected
thentheclockwillbesuppliedbyanexternalMasterdevice.
Bit4
Unimplemented,readas"0"
Bit3~2
SIMDEB1~SIMDEB0:I2CDebounceTimeSelection
00:Nodebounce
01:2systemclockdebounce
1x:4systemclockdebounce



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com