Electronic Components Datasheet Search
  English  ▼

X  

HT66F019 Datasheet(PDF) 128 Page - Holtek Semiconductor Inc

Part # HT66F019
Description  A/D Flash MCU with EEPROM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F019 Datasheet(HTML) 128 Page - Holtek Semiconductor Inc

Back Button HT66F019 Datasheet HTML 124Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 125Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 126Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 127Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 128Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 129Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 130Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 131Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 132Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 175 page
background image
Rev. 1.00
1�8
De�e��e� 01� �01�
Rev. 1.00
1�9
De�e��e� 01� �01�
HT66F019
A/D Flash MCU with EEPROM
HT66F019
A/D Flash MCU with EEPROM
I2C Bus Slave Address Acknowledge Signal
Afterthemasterhastransmittedacallingaddress,anyslavedeviceontheI2Cbus,whose
owninternaladdressmatchesthecallingaddress,mustgenerateanacknowledgesignal.The
acknowledgesignalwillinformthemasterthataslavedevicehasaccepteditscallingaddress.Ifno
acknowledgesignalisreceivedbythemasterthenaSTOPsignalmustbetransmittedbythemaster
toendthecommunication.WhentheHAASflagishigh,theaddresseshavematchedandtheslave
devicemustchecktheSRWflagtodetermineifitistobeatransmitterorareceiver.IftheSRWflag
ishigh,theslavedeviceshouldbesetuptobeatransmittersotheHTXbitintheSIMC1register
shouldbesetto"1".IftheSRWflagislow,thenthemicrocontrollerslavedeviceshouldbesetupas
areceiverandtheHTXbitintheSIMC1registershouldbesetto"0".
I2C Bus Data and Acknowledge Signal
Thetransmitteddatais8-bitswideandistransmittedaftertheslavedevicehasacknowledged
receiptofitsslaveaddress.TheorderofserialbittransmissionistheMSBfirstandtheLSBlast.
Afterreceiptof8-bitsofdata,thereceivermusttransmitanacknowledgesignal,level"0",before
itcanreceivethenextdatabyte.Iftheslavetransmitterdoesnotreceiveanacknowledgebitsignal
fromthemasterreceiver,thentheslavetransmitterwillreleasetheSDAlinetoallowthemaster
tosendaSTOPsignaltoreleasetheI2CBus.ThecorrespondingdatawillbestoredintheSIMD
register.Ifsetupasatransmitter,theslavedevicemustfirstwritethedatatobetransmittedintothe
SIMDregister.Ifsetupasareceiver,theslavedevicemustreadthetransmitteddatafromtheSIMD
register.
Whentheslavereceiverreceivesthedatabyte,itmustgenerateanacknowledgebit,knownas
TXAK,onthe9thclock.Theslavedevice,whichissetupasatransmitterwillchecktheRXAKbit
intheSIMC1registertodetermineifitistosendanotherdatabyte,ifnotthenitwillreleasethe
SDAlineandawaitthereceiptofaSTOPsignalfromthemaster.
Sta�t
SCL
SDA
SCL
SDA
1
S=Sta�t (1 �it)
SA=Slave Add�ess (� �its)
SR=SRW �it (1 �it)
M=Slave devi�e send a�knowledge �it (1 �it)
D=Data (8 �its)
A=ACK (RXAK �it fo� t�ans�itte�� TXAK �it fo� �e�eive�� 1 �it)
P=Stop (1 �it)
0
ACK
Slave Add�ess
SRW
Stop
Data
ACK
11
0
10
10
10
01
01
00
S SA SR M D A D A
……
S SA SR M D A D A
……
P
I2C Communication Timing Diagram
Note:Whenaslaveaddressismatched,thedevicemustbeplacedineitherthetransmitmode
andthenwritedatatotheSIMDregister,orinthereceivemodewhereitmustimplementa
dummyreadfromtheSIMDregistertoreleasetheSCLline.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com