Electronic Components Datasheet Search
  English  ▼

X  

HT66F019 Datasheet(PDF) 134 Page - Holtek Semiconductor Inc

Part # HT66F019
Description  A/D Flash MCU with EEPROM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F019 Datasheet(HTML) 134 Page - Holtek Semiconductor Inc

Back Button HT66F019 Datasheet HTML 130Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 131Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 132Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 133Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 134Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 135Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 136Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 137Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 138Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 175 page
background image
Rev. 1.00
134
De�e��e� 01� �01�
Rev. 1.00
135
De�e��e� 01� �01�
HT66F019
A/D Flash MCU with EEPROM
HT66F019
A/D Flash MCU with EEPROM
Bit3
RIDLE:Receiverstatus
0:Datareceptionisinprogress(Databeingreceived)
1:Nodatareceptionisinprogress(Receiverisidle)
TheRIDLEflagisthereceiverstatusflag.Whenthisreadonlyflagis"0",itindicates
thatthereceiverisbetweentheinitialdetectionofthestartbitandthecompletionof
thestopbit.Whentheflagis"1",itindicatesthatthereceiverisidle.Betweenthe
completionofthestopbitandthedetectionofthenextstartbit,theRIDLEbitis"1"
indicatingthattheUARTreceiverisidleandtheRXpinstaysinlogichighcondition.
Bit2
RXIF:ReceiveTXR_RXRdataregisterstatus
0:TXR_RXRdataregisterisempty
1:TXR_RXRdataregisterhasavailabledata
TheRXIFflagisthereceivedataregisterstatusflag.Whenthisreadonlyflagis"0",
itindicatesthattheTXR_RXRreaddataregisterisempty.Whentheflagis"1",it
indicatesthattheTXR_RXRreaddataregistercontainsnewdata.Whenthecontents
oftheshiftregisteraretransferredtotheTXR_RXRregister,aninterruptisgenerated
ifRIE=1intheUCR2register.Ifoneormoreerrorsaredetectedinthereceivedword,
theappropriatereceive-relatedflagsNF,FERR,and/orPERRaresetwithinthesame
clockcycle.TheRXIFflagwilleventuallybeclearedto0whentheUSRregisteris
readwithRXIFset,followedbyareadfromtheTXR_RXRregister,andiftheTXR_
RXRregisterhasnomorenewdataavailable.
Bit1
TIDLE:Transmissionidle
0:Datatransmissionisinprogress(Databeingtransmitted)
1:Nodatatransmissionisinprogress(Transmitterisidle)
TheTIDLEflagisknownasthetransmissioncompleteflag.Whenthisreadonly
flagis"0",itindicatesthatatransmissionisinprogress.Thisflagwillbesethigh
whentheTXIFflagis"1"andwhenthereisnotransmitdataorbreakcharacterbeing
transmitted.WhenTIDLEisequalto"1",theTXpinbecomesidlewiththepinstate
inlogichighcondition.TheTIDLEflagisclearedto0byreadingtheUSRregister
withTIDLEsetandthenwritingtotheTXR_RXRregister.Theflagisnotgenerated
whenadatacharacterorabreakisqueuedandreadytobesent.
Bit0
TXIF:TransmitTXR_RXRdataregisterstatus
0:Characterisnottransferredtothetransmitshiftregister
1:Characterhastransferredtothetransmitshiftregister(TXR_RXRdataregisteris
empty)
TheTXIFflagisthetransmitdataregisteremptyflag.Whenthisreadonlyflagis"0",
itindicatesthatthecharacterisnottransferredtothetransmittershiftregister.When
theflagis"1",itindicatesthatthetransmittershiftregisterhasreceivedacharacter
fromtheTXR_RXRdataregister.TheTXIFflagisclearedto0byreadingtheUART
statusregister(USR)withTXIFsetandthenwritingtotheTXR_RXRdataregister.
NotethatwhentheTXENbitisset,theTXIFflagbitwillalsobesetsincethetransmit
dataregisterisnotyetfull.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com