Electronic Components Datasheet Search
  English  ▼

X  

HT66F019 Datasheet(PDF) 137 Page - Holtek Semiconductor Inc

Part # HT66F019
Description  A/D Flash MCU with EEPROM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F019 Datasheet(HTML) 137 Page - Holtek Semiconductor Inc

Back Button HT66F019 Datasheet HTML 133Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 134Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 135Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 136Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 137Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 138Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 139Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 140Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 141Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 175 page
background image
Rev. 1.00
136
De�e��e� 01� �01�
Rev. 1.00
13�
De�e��e� 01� �01�
HT66F019
A/D Flash MCU with EEPROM
HT66F019
A/D Flash MCU with EEPROM
Bit5
BRGH:BaudRatespeedselection
0:Lowspeedbaudrate
1:Highspeedbaudrate
ThebitnamedBRGHselectsthehighorlowspeedmodeoftheBaudRateGenerator.
Thisbit,togetherwiththevalueplacedinthebaudrateregisterBRG,controlsthe
BaudRateoftheUART.Ifthisbitisequalto"1",thehighspeedmodeisselected.If
thebitisequalto"0",thelowspeedmodeisselected.
Bit4
ADDEN:Addressdetectfunctionenablecontrol
0:Addressdetectfunctionisdisabled
1:Addressdetectfunctionisenabled
ThebitnamedADDENistheaddressdetectfunctionenablecontrolbit.Whenthis
bitisequalto"1",theaddressdetectfunctionisenabled.Whenitoccurs,ifthe8th
bit,whichcorrespondstoRX7ifBNO=0orthe9thbit,whichcorrespondstoRX8if
BNO=1,hasavalueof"1",thenthereceivedwordwillbeidentifiedasanaddress,
ratherthandata.Ifthecorrespondinginterruptisenabled,aninterruptrequestwillbe
generatedeachtimethereceivedwordhastheaddressbitset,whichisthe8thor9th
bitdependingonthevalueofBNO.Iftheaddressbitknownasthe8thor9thbitofthe
receivedwordis"0"withtheaddressdetectfunctionbeingenabled,aninterruptwill
notbegeneratedandthereceiveddatawillbediscarded.
Bit3
WAKE:RXpinwake-upUARTfunctionenablecontrol
0:RXpinwake-upUARTfunctionisdisabled
1:RXpinwake-upUARTfunctionisenabled
Thisbitisusedtocontrolthewake-upUARTfunctionwhenafallingedgeontheRX
pinoccurs.NotethatthisbitisonlyavailablewhentheUARTclock(fH)isswitched
off.TherewillbenoRXpinwake-upUARTfunctioniftheUARTclock(fH)exists.
IftheWAKEbitissetto1astheUARTclock(fH)isswitchedoff,aUARTwake-
uprequestwillbeinitiatedwhenafallingedgeontheRXpinoccurs.Whenthis
requesthappensandthecorrespondinginterruptisenabled,anRXpinwake-upUART
interruptwillbegeneratedtoinformtheMCUtowakeuptheUARTfunctionby
switchingontheUARTclock(fH)viatheapplicationprogram.Otherwise,theUART
functioncannotresumeevenifthereisafallingedgeontheRXpinwhentheWAKE
bitisclearedto0.
Bit2
RIE:Receiverinterruptenablecontrol
0:Receiverrelatedinterruptisdisabled
1:Receiverrelatedinterruptisenabled
Thisbitenablesordisablesthereceiverinterrupt.Ifthisbitisequalto"1"andwhen
thereceiveroverrunflagOERRorreceivedataavailableflagRXIFisset,theUART
interruptrequestflagwillbeset.Ifthisbitisequalto"0",theUARTinterruptrequest
flagwillnotbeinfluencedbytheconditionoftheOERRorRXIFflags.
Bit1
TIIE:TransmitterIdleinterruptenablecontrol
0:Transmitteridleinterruptisdisabled
1:Transmitteridleinterruptisenabled
Thisbitenablesordisablesthetransmitteridleinterrupt.Ifthisbitisequalto"1"and
whenthetransmitteridleflagTIDLEisset,duetoatransmitteridlecondition,the
UARTinterruptrequestflagwillbeset.Ifthisbitisequalto"0",theUARTinterrupt
requestflagwillnotbeinfluencedbytheconditionoftheTIDLEflag.
Bit0
TEIE:TransmitterEmptyinterruptenablecontrol
0:Transmitteremptyinterruptisdisabled
1:Transmitteremptyinterruptisenabled
Thisbitenablesordisablesthetransmitteremptyinterrupt.Ifthisbitisequalto"1"
andwhenthetransmitteremptyflagTXIFisset,duetoatransmitteremptycondition,
theUARTinterruptrequestflagwillbeset.Ifthisbitisequalto"0",theUART
interruptrequestflagwillnotbeinfluencedbytheconditionoftheTXIFflag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com