Electronic Components Datasheet Search
  English  ▼

X  

HT66F019 Datasheet(PDF) 140 Page - Holtek Semiconductor Inc

Part # HT66F019
Description  A/D Flash MCU with EEPROM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F019 Datasheet(HTML) 140 Page - Holtek Semiconductor Inc

Back Button HT66F019 Datasheet HTML 136Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 137Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 138Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 139Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 140Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 141Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 142Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 143Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 144Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 175 page
background image
Rev. 1.00
140
De�e��e� 01� �01�
Rev. 1.00
141
De�e��e� 01� �01�
HT66F019
A/D Flash MCU with EEPROM
HT66F019
A/D Flash MCU with EEPROM
Thefollowingdiagramshowsthetransmitandreceivewaveformsforboth8-bitand9-bitdata
formats.
Bit 0
8-bit data format
Bit 1
Stop
Bit
Next
Sta�t
Bit
Sta�t
Bit
Pa�ity Bit
Bit �
Bit 3
Bit 4
Bit 5
Bit 6
Bit �
Bit 0
9-bit data format
Bit 1
Sta�t
Bit
Bit �
Bit 3
Bit 4
Bit 5
Bit 6
Stop
Bit
Next
Sta�t
Bit
Pa�ity Bit
Bit 8
Bit �
UART Transmitter
Datawordlengthsofeither8or9bitscanbeselectedbyprogrammingtheBNObitintheUCR1
register.WhenBNObitisset,thewordlengthwillbesetto9bits.Inthiscasethe9thbit,which
istheMSB,needstobestoredintheTX8bitintheUCR1register.Atthetransmittercorelies
theTransmitterShiftRegister,morecommonlyknownastheTSR,whosedataisobtainedfrom
thetransmitdataregister,whichisknownastheTXR_RXRregister.Thedatatobetransmitted
isloadedintothisTXR_RXRregisterbytheapplicationprogram.TheTSRregisterisnotwritten
towithnewdatauntilthestopbitfromtheprevioustransmissionhasbeensentout.Assoonas
thisstopbithasbeentransmitted,theTSRcanthenbeloadedwithnewdatafromtheTXR_RXR
register,ifitisavailable.ItshouldbenotedthattheTSRregister,unlikemanyotherregisters,isnot
directlymappedintotheDataMemoryareaandassuchisnotavailabletotheapplicationprogram
fordirectread/writeoperations.Anactualtransmissionofdatawillnormallybeenabledwhenthe
TXENbitisset,butthedatawillnotbetransmitteduntiltheTXR_RXRregisterhasbeenloaded
withdataandthebaudrategeneratorhasdefinedashiftclocksource.However,thetransmission
canalsobeinitiatedbyfirstloadingdataintotheTXR_RXRregister,afterwhichtheTXENbitcan
beset.Whenatransmissionofdatabegins,theTSRisnormallyempty,inwhichcaseatransferto
theTXR_RXRregisterwillresultinanimmediatetransfertotheTSR.Ifduringatransmissionthe
TXENbitiscleared,thetransmissionwillimmediatelyceaseandthetransmitterwillbereset.The
TXoutputpincanthenbeconfiguredastheI/Oorotherpin-sharedfunction.
Transmitting Data
WhentheUARTistransmittingdata,thedataisshiftedontheTXpinfromtheshiftregister,with
theleastsignificantbitfirst.Inthetransmitmode,theTXR_RXRregisterformsabufferbetween
theinternalbusandthetransmittershiftregister.Itshouldbenotedthatif9-bitdataformathasbeen
selected,thentheMSBwillbetakenfromtheTX8bitintheUCR1register.Thestepstoinitiatea
datatransfercanbesummarizedasfollows:
• MakethecorrectselectionoftheBNO,PRT,PRENandSTOPSbitstodefinetherequiredword
length,paritytypeandnumberofstopbits.
• SetuptheBRGregistertoselectthedesiredbaudrate.
• SettheTXENbittoensurethattheTXpinisusedasaUARTtransmitterpin.
• AccesstheUSRregisterandwritethedatathatistobetransmittedintotheTXR_RXRregister.
NotethatthisstepwillcleartheTXIFbit.
Thissequenceofeventscannowberepeatedtosendadditionaldata.
ItshouldbenotedthatwhenTXIF=0,datawillbeinhibitedfrombeingwrittentotheTXR_RXR
register.ClearingtheTXIFflagisalwaysachievedusingthefollowingsoftwaresequence:
1.AUSRregisteraccess
2.ATXR_RXRregisterwriteexecution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com