Electronic Components Datasheet Search
  English  ▼

X  

HT66F019 Datasheet(PDF) 144 Page - Holtek Semiconductor Inc

Part # HT66F019
Description  A/D Flash MCU with EEPROM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F019 Datasheet(HTML) 144 Page - Holtek Semiconductor Inc

Back Button HT66F019 Datasheet HTML 140Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 141Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 142Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 143Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 144Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 145Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 146Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 147Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 148Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 175 page
background image
Rev. 1.00
144
De�e��e� 01� �01�
Rev. 1.00
145
De�e��e� 01� �01�
HT66F019
A/D Flash MCU with EEPROM
HT66F019
A/D Flash MCU with EEPROM
UART Interrupt Structure
SeveralindividualUARTconditionscangenerateaUARTinterrupt.Whentheseconditionsexist,
alowpulsewillbegeneratedtogettheattentionofthemicrocontroller.Theseconditionsarea
transmitterdataregisterempty,transmitteridle,receiverdataavailable,receiveroverrun,address
detectandanRXpinwake-up.Whenanyoftheseconditionsarecreated,iftheglobalinterrupt
enablebitanditscorrespondinginterruptcontrolbitareenabledandthestackisnotfull,the
programwilljumptoitscorrespondinginterruptvectorwhereitcanbeservicedbeforereturningto
themainprogram.FouroftheseconditionshavethecorrespondingUSRregisterflagswhichwill
generateaUARTinterruptifitsassociatedinterruptenablecontrolbitintheUCR2registerisset.
Thetwotransmitterinterruptconditionshavetheirowncorrespondingenablecontrolbits,whilethe
tworeceiverinterruptconditionshaveasharedenablecontrolbit.Theseenablebitscanbeusedto
maskoutindividualUARTinterruptsources.
Theaddressdetectcondition,whichisalsoaUARTinterruptsource,doesnothaveanassociated
flag,butwillgenerateaUARTinterruptwhenanaddressdetectconditionoccursifitsfunctionis
enabledbysettingtheADDENbitintheUCR2register.AnRXpinwake-up,whichisalsoaUART
interruptsource,doesnothaveanassociatedflag,butwillgenerateaUARTinterruptiftheUART
clock(fH)sourceisswitchedoffandtheWAKEandRIEbitsintheUCR2registeraresetwhena
fallingedgeontheRXpinoccurs.
NotethattheUSRregisterflagsarereadonlyandcannotbeclearedorsetbytheapplication
program,neitherwilltheybeclearedwhentheprogramjumpstothecorrespondinginterrupt
servicingroutine,asisthecaseforsomeoftheotherinterrupts.Theflagswillbecleared
automaticallywhencertainactionsaretakenbytheUART,thedetailsofwhicharegiveninthe
UARTregistersection.TheoverallUARTinterruptcanbedisabledorenabledbytherelated
interruptenablecontrolbitsintheinterruptcontrolregistersofthemicrocontrollertodecidewhether
theinterruptrequestedbytheUARTmoduleismaskedoutorallowed.
T�ans�itte� E�pty
Flag TXIF
UnSR Registe�
T�ans�itte� Idle
Flag TIDLE
Re�eive� Ove��un
Flag OERR
Re�eive� Data
Availa�le RXIF
ADDEN
RX Pin
Wake-up
WAKE
0
1
0
1
RX� if BNO=0
RX8 if BNO=1
UCR� Registe�
RIE
0
1
TIIE
0
1
TEIE
0
1
UART Inte��upt
Request Flag
URF
UCR� Registe�
URE
EMI
0
1
Inte��upt signal
to MCU
UART Interrupt Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com