Electronic Components Datasheet Search
  English  ▼

X  

HT66F019 Datasheet(PDF) 153 Page - Holtek Semiconductor Inc

Part # HT66F019
Description  A/D Flash MCU with EEPROM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F019 Datasheet(HTML) 153 Page - Holtek Semiconductor Inc

Back Button HT66F019 Datasheet HTML 149Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 150Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 151Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 152Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 153Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 154Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 155Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 156Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 157Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 175 page
background image
Rev. 1.00
15�
De�e��e� 01� �01�
Rev. 1.00
153
De�e��e� 01� �01�
HT66F019
A/D Flash MCU with EEPROM
HT66F019
A/D Flash MCU with EEPROM
A/D Converter Interrupt
ThedevicecontainsanA/Dconverterwhichhasitsownindependentinterrupt.TheA/DConverter
InterruptiscontrolledbytheterminationofanA/Dconversionprocess.AnA/DConverterInterrupt
requestwilltakeplacewhentheA/DConverterInterruptrequestflag,ADF,isset,whichoccurs
whentheA/Dconversionprocessfinishes.Toallowtheprogramtobranchtoitsrespectiveinterrupt
vectoraddress,theglobalinterruptenablebit,EMI,andA/DconverterInterruptenablebit,ADE,
mustfirstbeset.Whentheinterruptisenabled,thestackisnotfullandtheA/Dconversionprocess
hasended,asubroutinecalltotheA/DConverterInterruptvector,willtakeplace.Whenthe
interruptisserviced,theA/DConverterInterruptflag,ADF,willbeautomaticallycleared.TheEMI
bitwillalsobeautomaticallyclearedtodisableotherinterrupts.
Time Base Interrupts
ThefunctionoftheTimeBaseInterruptsistoprovideregulartimesignalintheformofaninternal
interrupt.Theyarecontrolledbytheoverflowsignalsfromtheirrespectivetimerfunctions.When
thesehappenstheirrespectiveinterruptrequestflags,TB0ForTB1Fwillbeset.Toallowthe
programtobranchtotheirrespectiveinterruptvectoraddresses,theglobalinterruptenablebit,EMI
andTimeBaseenablebits,TB0EorTB1E,mustfirstbeset.Whentheinterruptisenabled,thestack
isnotfullandtheTimeBaseoverflows,asubroutinecalltotheirrespectivevectorlocationswill
takeplace.Whentheinterruptisserviced,therespectiveinterruptrequestflag,TB0ForTB1F,will
beautomaticallyresetandtheEMIbitwillbeclearedtodisableotherinterrupts.
ThepurposeoftheTimeBaseInterruptistoprovideaninterruptsignalatfixedtimeperiods.Their
clocksourcesoriginatefromtheinternalclocksourcefTB.ThisfTBinputclockpassesthrougha
divider,thedivisionratioofwhichisselectedbyprogrammingtheappropriatebitsintheTBC
registertoobtainlongerinterruptperiodswhosevalueranges.TheclocksourcethatgeneratesfTB,
whichinturncontrolstheTimeBaseinterruptperiod,canoriginatefromseveraldifferentsources,
asshownintheSystemOperatingModesection.
fSYS/4
M
U
X
fTB
Ti�e Base 0 Inte��upt
Ti�e Base 1 Inte��upt
TB0� ~ TB00
TB11 ~ TB10
÷ �8 ~ �15
÷ �1� ~ �15
LIRC
fTBC
TBCK Bit
M
U
X
LXT
Configu�ation
Option
Time Base Interrupts
• TBC Register
Bit
7
6
5
4
3
2
1
0
Na�e
TBON
TBCK
TB11
TB10
LXTLP
TB0�
TB01
TB00
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
1
1
0
1
1
1
Bit7
TBON:TimeBase0andTimeBase1EnableControl
0:Disable
1:Enable
Bit6
TBCK:SelectfTBClock
0:fTBC
1:fSYS/4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com