Electronic Components Datasheet Search
  English  ▼

X  

HT66F019 Datasheet(PDF) 155 Page - Holtek Semiconductor Inc

Part # HT66F019
Description  A/D Flash MCU with EEPROM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F019 Datasheet(HTML) 155 Page - Holtek Semiconductor Inc

Back Button HT66F019 Datasheet HTML 151Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 152Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 153Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 154Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 155Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 156Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 157Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 158Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 159Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 175 page
background image
Rev. 1.00
154
De�e��e� 01� �01�
Rev. 1.00
155
De�e��e� 01� �01�
HT66F019
A/D Flash MCU with EEPROM
HT66F019
A/D Flash MCU with EEPROM
LVD Interrupt
TheLowVoltageDetectorInterruptiscontainedwithintheMulti-functionInterrupt.ALVD
InterruptrequestwilltakeplacewhentheLVDInterruptrequestflag,LVF,isset,whichoccurs
whentheLowVoltageDetectorfunctiondetectsalowpowersupplyvoltage.Toallowtheprogram
tobranchtoitsrespectiveinterruptvectoraddress,theglobalinterruptenablebit,EMI,LowVoltage
Interruptenablebit,LVE,andassociatedMulti-functioninterruptenablebit,mustfirstbeset.When
theinterruptisenabled,thestackisnotfullandalowvoltageconditionoccurs,asubroutinecallto
theMulti-functionInterruptvector,willtakeplace.WhentheLowVoltageInterruptisserviced,the
EMIbitwillbeautomaticallyclearedtodisableotherinterrupts,howeveronlytheMulti-function
interruptrequestflagwillbealsoautomaticallycleared.AstheLVFflagwillnotbeautomatically
cleared,ithastobeclearedbytheapplicationprogram.
TM Interrupts
TheCompact,StandardandPeriodicTMshavetwointerrupts,onecomesfromthecomparatorA
matchsituationandtheothercomesfromthecomparatorPmatchsituation.AlloftheTMinterrupts
arecontainedwithintheMulti-functionInterrupts.ForalloftheTMtypestherearetwointerrupt
requestflagsandtwoenablecontrolbits.ATMinterruptrequestwilltakeplacewhenanyofthe
TMrequestflagsareset,asituationwhichoccurswhenaTMcomparatorPorAmatchsituation
happens.
Toallowtheprogramtobranchtoitsrespectiveinterruptvectoraddress,theglobalinterruptenable
bit,EMI,respectiveTMInterruptenablebit,andrelevantMulti-functionInterruptenablebit,MFnE,
mustfirstbeset.Whentheinterruptisenabled,thestackisnotfullandaTMcomparatormatch
situationoccurs,asubroutinecalltotherelevantMulti-functionInterruptvectorlocations,willtake
place.WhentheTMinterruptisserviced,theEMIbitwillbeautomaticallyclearedtodisableother
interrupts.However,onlytherelatedMFnFflagwillbeautomaticallycleared.AstheTMinterrupt
requestflagswillnotbeautomaticallycleared,theyhavetobeclearedbytheapplicationprogram.
Interrupt Wake-up Function
Eachoftheinterruptfunctionshasthecapabilityofwakingupthemicrocontrollerwheninthe
SLEEPorIDLEMode.Awake-upisgeneratedwhenaninterruptrequestflagchangesfromlowto
highandisindependentofwhethertheinterruptisenabledornot.Therefore,eventhoughthedevice
isintheSLEEPorIDLEModeanditssystemoscillatorstopped,situationssuchasexternaledge
transitionsontheexternalinterruptpins,alowpowersupplyvoltageorcomparatorinputchange
maycausetheirrespectiveinterruptflagtobesethighandconsequentlygenerateaninterrupt.Care
mustthereforebetakenifspuriouswake-upsituationsaretobeavoided.Ifaninterruptwake-up
functionistobedisabledthenthecorrespondinginterruptrequestflagshouldbesethighbeforethe
deviceenterstheSLEEPorIDLEMode.Theinterruptenablebitshavenoeffectontheinterrupt
wake-upfunction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com