Electronic Components Datasheet Search
  English  ▼

X  

HT66F019 Datasheet(PDF) 159 Page - Holtek Semiconductor Inc

Part # HT66F019
Description  A/D Flash MCU with EEPROM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F019 Datasheet(HTML) 159 Page - Holtek Semiconductor Inc

Back Button HT66F019 Datasheet HTML 155Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 156Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 157Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 158Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 159Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 160Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 161Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 162Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 163Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 175 page
background image
Rev. 1.00
158
De�e��e� 01� �01�
Rev. 1.00
159
De�e��e� 01� �01�
HT66F019
A/D Flash MCU with EEPROM
HT66F019
A/D Flash MCU with EEPROM
Configuration Options
ConfigurationoptionsrefertocertainoptionswithintheMCUthatareprogrammedintothedevice
duringtheprogrammingprocess.Duringthedevelopmentprocess,theseoptionsareselectedusing
theHT-IDEsoftwaredevelopmenttools.Astheseoptionsareprogrammedintothedeviceusing
thehardwareprogrammingtools,oncetheyareselectedtheycannotbechangedlaterusingthe
applicationprogram.Alloptionsmustbedefinedforpropersystemfunction,thedetailsofwhichare
showninthetable.
No.
Options
1
High Speed Syste� Os�illato� Sele�tion – fH:
HXT
HIRC
�
Low Speed Syste� Os�illato� Sele�tion – fSUB:
LXT
LIRC
3
HIRC f�equen�y sele�tion
8MHz
1�MHz
16MHz
Application Circuits
PA0~PA�
AN0~AN�
VDD
VSS
VDD
0.1 F
PB0~PB6
PC0~PC�
PC0/OSC1
PC1/OSC�
OSC
Ci��uit
PB0/XT1
PB1/XT�
OSC
Ci��uit
See Os�illato�
Se�tion
See Os�illato�
Se�tion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com