Electronic Components Datasheet Search
  English  ▼

X  

AD5255 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5255
Description  3-Channel Digital Potentiometer with Nonvolatile Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5255 Datasheet(HTML) 4 Page - Analog Devices

  AD5255 Datasheet HTML 1Page - Analog Devices AD5255 Datasheet HTML 2Page - Analog Devices AD5255 Datasheet HTML 3Page - Analog Devices AD5255 Datasheet HTML 4Page - Analog Devices AD5255 Datasheet HTML 5Page - Analog Devices AD5255 Datasheet HTML 6Page - Analog Devices AD5255 Datasheet HTML 7Page - Analog Devices AD5255 Datasheet HTML 8Page - Analog Devices AD5255 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD5255
Rev. 0 | Page 4 of 20
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
Input Leakage Current (Excluding WP
and A0)
II
VIN = 0 V or VDD
±1
µA
Input Capacitance5
CI
5
pF
POWER SUPPLIES
Single-Supply Power Range
VDD
VSS = 0 V
2.7
5.5
V
Dual-Supply Power Range
VDD/VSS
±2.25
±2.75
V
Positive Supply Current
IDD
VIH = VDD or VIL = GND, VSS = 0 V
5
15
µA
Negative Supply Current
ISS
VIH = VDD or VIL = GND,
VDD = 2.5 V, VSS = −2.5 V
−5
−15
µA
EEMEM Data Storing Mode Current
IDD_STORE
VIH = VDD or VIL = GND
35
mA
EEMEM Data Restoring Mode Current
IDD_RESTORE
VIH = VDD or VIL = GND
2.5
mA
Power Dissipation6
PDISS
VIH = VDD = 5 V or VIL = GND
25
75
µW
Power Supply Sensitivity5
PSS
∆VDD = 5 V ± 10%
0.01
0.025
%/%
See the footnotes after Table 2.
SDA
SCL
PS
SP
t1
t2
t3
t8
t8
t9
t4
t5
t7
t10
t6
Figure 2. I2C Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com