Electronic Components Datasheet Search
  English  ▼

X  

AD5255 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5255
Description  3-Channel Digital Potentiometer with Nonvolatile Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5255 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5255 Datasheet HTML 8Page - Analog Devices AD5255 Datasheet HTML 9Page - Analog Devices AD5255 Datasheet HTML 10Page - Analog Devices AD5255 Datasheet HTML 11Page - Analog Devices AD5255 Datasheet HTML 12Page - Analog Devices AD5255 Datasheet HTML 13Page - Analog Devices AD5255 Datasheet HTML 14Page - Analog Devices AD5255 Datasheet HTML 15Page - Analog Devices AD5255 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD5255
Rev. 0 | Page 12 of 20
A random read operation is shown in Figure 21. This operation
changes the address counter to the specified memory address by
performing a dummy write and then performing a read
operation beginning at the new address counter location.
EEPROM Write Protection
Setting the WP pin to a logic low protects the EEPROM
memory from future write operations. In this mode, EEPROM
read operations and RDAC register loading operate normally.
RDAC I2C INTERFACE
DATA
DATA
SA
A
A
A
A
10
0
0
1
R
EE/
RD
A
4
A
3
A
2
A
1
A
0
AC
CMD/
REG
R
1
10
0
P
0 WRITE
(N BYTES + ACKNOWLEDGE)
RDAC ADDRESS
RDAC SLAVE ADDRESS
A/A
Figure 22. RDAC Write
SA
A
A
11
0
1
R
A
RDAC EEPROM OR REGISTER DATA
RDAC EEPROM OR REGISTER DATA
R
1
10
0
P
1 READ
(N BYTES + ACKNOWLEDGE)
RDAC SLAVE ADDRESS
A
Figure 23. RDAC Current Read
SLAVE ADDRESS
RDAC ADDRESS
S
0 WRITE
AA
P
W
SLAVE ADDRESS
RDAC DATA
SR
1 READ
REPEATED START
A
(N BYTES + ACKNOWLEDGE)
A/A
Figure 24. RDAC Random Read
SA
A
A
10
0
1
R
C
1
C
2
C
3
C
0
A
2
A
1
A
0
CMD/
REG
R
1
10
0
P
A
0 WRITE
1 CMD
RDAC SLAVE ADDRESS
Figure 25. RDAC Shortcut Command
Table 5. RDAC Register Addresses (CMD/REG = 0, EE/RDAC = 0)
A4
A3
A2
A1
A0
RDAC
Byte Description
0
0
0
0
0
RDAC0
(D7)(D6)(D5)(D4)(D3)(D2)(D1)(D0) – RDAC0 8 LSBs
0
0
0
0
1
RDAC0
(X)(X)(X)(X)(X)(X)(X)(D8) – RDAC0 MSB
0
0
0
1
0
RDAC1
(D7)(D6)(D5)(D4)(D3)(D2)(D1)(D0) – RDAC1 8 LSBs
0
0
0
1
1
RDAC1
(X)(X)(X)(X)(X)(X)(X)(D8) – RDAC1 MSB
0
0
1
0
0
RDAC2
(X)(D6)(D5)(D4)(D3)(D2)(D1)(D0) – RDAC2 7 bits
0
0
1
0
1
Reserved
…to…
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com