Electronic Components Datasheet Search
  English  ▼

X  

AD5255 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5255
Description  3-Channel Digital Potentiometer with Nonvolatile Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5255 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5255 Datasheet HTML 3Page - Analog Devices AD5255 Datasheet HTML 4Page - Analog Devices AD5255 Datasheet HTML 5Page - Analog Devices AD5255 Datasheet HTML 6Page - Analog Devices AD5255 Datasheet HTML 7Page - Analog Devices AD5255 Datasheet HTML 8Page - Analog Devices AD5255 Datasheet HTML 9Page - Analog Devices AD5255 Datasheet HTML 10Page - Analog Devices AD5255 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD5255
Rev. 0 | Page 7 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
20
21
22
23
24
19
18
17
16
15
14
13
12
11
NC = NO CONNECT
A1_RDAC
A0_RDAC
RS
SDA
SCL
WP
A0_EE
TEST0 (NC)
TEST1 (NC)
TEST2 (NC)
A0
CDD, AVDD
TEST3 (NC)
DGND
VSS, AVSS
B2
W2
A2
W0
B0
A1
W1
B1
A1_EE
AD5255
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
A1_EE
I2C Device Address 1 for EEMEM.
2
A1_RDAC
I2C Device Address 1 for RDAC.
3
A0_RDAC
I2C Device Address 0 for RDAC.
4
RS
Resets the scratchpad register with current contents of the EEMEM register. Factory defaults to midscale before
any programming.
5
WP
Write Protect. When active low, WP prevents any changes to the present register contents, except that RESET
and Commands 1 and 8 still refresh the RDAC register from EEMEM.
6
SCL
Serial Input Register Clock. Shifts in one bit at a time on the positive clock edges.
7
SDA
Serial Data Input. Shifts in one bit at a time on the positive clock edges. The MSB is loaded first.
8
DGND
Ground. Logic ground reference.
9
VSS
Negative Supply. Connect to 0 V for single-supply applications.
10
A2
A terminal of RDAC2.
11
W2
Wiper terminal of RDAC2.
12
B2
B terminal of RDAC2.
13
A1
A terminal of RDAC1.
14
W1
Wiper terminal of RDAC1.
15
B1
B terminal of RDAC1.
16
B0
B terminal of RDAC0.
17
W0
Wiper terminal of RDAC0.
18
A0
A terminal of RDAC0.
19
VDD
Positive Power Supply.
20
TEST3
Test Pin 3. Do not connect.
21
TEST2
Test Pin 2. Do not connect.
22
TEST1
Test Pin 1. Do not connect.
23
TEST0
Test Pin 0. Do not connect.
24
A0_EE
I2C Device Address 0 for EEMEM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com