Electronic Components Datasheet Search
  English  ▼

X  

AD5255 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5255
Description  3-Channel Digital Potentiometer with Nonvolatile Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5255 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5255 Datasheet HTML 5Page - Analog Devices AD5255 Datasheet HTML 6Page - Analog Devices AD5255 Datasheet HTML 7Page - Analog Devices AD5255 Datasheet HTML 8Page - Analog Devices AD5255 Datasheet HTML 9Page - Analog Devices AD5255 Datasheet HTML 10Page - Analog Devices AD5255 Datasheet HTML 11Page - Analog Devices AD5255 Datasheet HTML 12Page - Analog Devices AD5255 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD5255
Rev. 0 | Page 9 of 20
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
64
48
16
32
080
96
11
CODE (DECIMAL)
2
128
TA = –40°C, 25°C, 85°C SUPERIMPOSED
VDD = 5V
Figure 10. R-INL—7-Bit RDAC
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
64
48
16
32
080
96
11
CODE (DECIMAL)
2
128
TA = –40°C, 25°C, 85°C SUPERIMPOSED
VDD = 5V
Figure 11. R-DNL—7-Bit RDAC
0
5
10
15
20
25
30
35
40
45
50
256
192
64
128
0
320
384
448
512
CODE (DECIMAL)
TA = –40°C, 85°C
VDD = 5V
VA = VDD
VB = 0V
Figure 12. Temperature Coefficient (Rheostat Mode)
0
5
10
15
20
25
30
35
40
45
50
256
192
64
128
0
320
384
448
512
CODE (DECIMAL)
TA = –40°C, 85°C
VDD = 5V
VA = VDD
VB = 0V
Figure 13. Temperature Coefficient (Potentiometer Mode)
–10
–8
–6
–4
–2
0
2
4
6
8
10
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
IDD: VDD = 5.5V
IDD: VDD = 2.7V
IS: VDD = 2.7V, VSS = 2.7V
Figure 14. Supply Current vs. Temperature
30
40
50
60
70
80
90
100
110
1101
102
103
104
105
106
107
CLOCK FREQUENCY (Hz)
TA = 25°C
VDD = 5.5V
VDD = 2.7V
Figure 15. Supply Current vs. Clock Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com