Electronic Components Datasheet Search
  English  ▼

X  

CY28548 Datasheet(PDF) 16 Page - Silicon Laboratories

Part # CY28548
Description  Clock Generator for Intel짰Crestline Chipset
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CY28548 Datasheet(HTML) 16 Page - Silicon Laboratories

Back Button CY28548 Datasheet HTML 12Page - Silicon Laboratories CY28548 Datasheet HTML 13Page - Silicon Laboratories CY28548 Datasheet HTML 14Page - Silicon Laboratories CY28548 Datasheet HTML 15Page - Silicon Laboratories CY28548 Datasheet HTML 16Page - Silicon Laboratories CY28548 Datasheet HTML 17Page - Silicon Laboratories CY28548 Datasheet HTML 18Page - Silicon Laboratories CY28548 Datasheet HTML 19Page - Silicon Laboratories CY28548 Datasheet HTML 20Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
CY28548
......................Document #: 001-08400 Rev ** Page 16 of 30
The CY28548 requires a Parallel Resonance Crystal. Substi-
tuting a series resonance crystal causes the CY28548 to
operate at the wrong frequency and violates the ppm specifi-
cation. For most applications there is a 300-ppm frequency
shift between series and parallel crystals due to incorrect
loading
Crystal Loading
Crystal loading plays a critical role in achieving low ppm perfor-
mance. To realize low ppm performance, use the total capac-
itance the crystal sees to calculate the appropriate capacitive
loading (CL).
Figure 1 shows a typical crystal configuration using the two
trim capacitors. It is important that the trim capacitors are in
series with the crystal. It is not true that load capacitors are in
parallel with the crystal and are approximately equal to the
load capacitance of the crystal.
Calculating Load Capacitors
In addition to the standard external trim capacitors, consider
the trace capacitance and pin capacitance to calculate the
crystal loading correctly. Again, the capacitance on each side
is in series with the crystal. The total capacitance on both side
is twice the specified crystal load capacitance (CL). Trim
capacitors are calculated to provide equal capacitive loading
on both sides.
,
Use the following formulas to calculate the trim capacitor
values for Ce1 and Ce2.
7
0
SMSW_EN
Enable Smooth Switching
0 = Disabled, 1= Enabled
6
0
SMSW_SEL
Smooth switch select
0 = CPU_PLL, 1 = SRC_PLL
5
0
SE1/SE2 drive strength
2 of 2
SE1 and SE2 drive strength Setting 2 of 2
4
0
Prog_PCI-E_EN
Programmable PCI-E frequency enable
0 = Disabled, 1= Enabled
3
0
Prog_CPU_EN
Programmable CPU frequency enable
0 = Disabled, 1= Enabled
2
0
REF drive strength
2 of 2
REFdrive strength strength Setting 2 of 2
1
0
USB drive strength
2 of 2
USB drive strength strength Setting 2 of 2
0
0
PCI/ PCIF drive strength
2of 2
PCI drive strength strength Setting 2 of 2
Byte 17: Control Register 17 (continued)
Table 5. Crystal Recommendations
Frequency
(Fund)
Cut
Loading
Load Cap
Drive
(max.)
Shunt Cap
(max.)
Motional
(max.)
Tolerance
(max.)
Stability
(max.)
Aging
(max.)
14.31818 MHz
AT
Parallel
20 pF
0.1 mW
5 pF
0.016 pF
35 ppm
30 ppm
5 ppm
Figure 1. Crystal Capacitive Clarification
XTAL
Ce 2
Ce 1
Cs 1
Cs 2
X1
X2
Ci1
Ci2
Clo c k Ch ip
Tr a c e
2. 8pF
Tr im
33pF
Pin
3 t o 6p
Figure 2. Crystal Loading Example
Load Capacitance (each side)
Total Capacitance (as seen by the crystal)
Ce = 2 * CL – (Cs + Ci)
Ce1 + Cs1 + Ci1
1
+
Ce2 + Cs2 + Ci2
1
(
)
1
=
CLe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com