Electronic Components Datasheet Search
  English  ▼

X  

CY28548 Datasheet(PDF) 29 Page - Silicon Laboratories

Part # CY28548
Description  Clock Generator for Intel짰Crestline Chipset
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CY28548 Datasheet(HTML) 29 Page - Silicon Laboratories

Back Button CY28548 Datasheet HTML 23Page - Silicon Laboratories CY28548 Datasheet HTML 24Page - Silicon Laboratories CY28548 Datasheet HTML 25Page - Silicon Laboratories CY28548 Datasheet HTML 26Page - Silicon Laboratories CY28548 Datasheet HTML 27Page - Silicon Laboratories CY28548 Datasheet HTML 28Page - Silicon Laboratories CY28548 Datasheet HTML 29Page - Silicon Laboratories CY28548 Datasheet HTML 30Page - Silicon Laboratories CY28548 Datasheet HTML 31Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
CY28548
......................Document #: 001-08400 Rev ** Page 29 of 30
VMIN = 0.30V
VMIN = 0.30V
VcrossMIN = 300mV
VcrossMAX = 550mV
VcrossMIN = 300mV
VcrossMAX = 550mV
VMAX = 1.15V
VMAX = 1.15V
CLK#
CLK
CLK#
Vcross delta = 140mV
Vcross delta = 140mV
CLK
CLK#
CLK#
CLK
Vcross median
Vcross median
Vcross median +75mV
Vcross m edian -75m V
Figure 19. Single-ended Measurement for Differential Output Signals (for AC Parameters Measurement)
Ordering Information
Part Number
Package Type
Product Flow
Lead-free
CY28548ZXC
64-pin TSSOP
Commercial, 0
 to 85C
CY28548ZXCT
64-pin TSSOP–Tape and Reel
Commercial, 0
 to 85C
CY28548LFXC
64-pin QFN
Commercial, 0
 to 85C
CY28548LFXCT
64-pin QFN–Tape and Reel
Commercial, 0
 to 85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com