Electronic Components Datasheet Search
  English  ▼

X  

CY28548 Datasheet(PDF) 22 Page - Silicon Laboratories

Part # CY28548
Description  Clock Generator for Intel짰Crestline Chipset
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CY28548 Datasheet(HTML) 22 Page - Silicon Laboratories

Back Button CY28548 Datasheet HTML 18Page - Silicon Laboratories CY28548 Datasheet HTML 19Page - Silicon Laboratories CY28548 Datasheet HTML 20Page - Silicon Laboratories CY28548 Datasheet HTML 21Page - Silicon Laboratories CY28548 Datasheet HTML 22Page - Silicon Laboratories CY28548 Datasheet HTML 23Page - Silicon Laboratories CY28548 Datasheet HTML 24Page - Silicon Laboratories CY28548 Datasheet HTML 25Page - Silicon Laboratories CY28548 Datasheet HTML 26Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
CY28548
......................Document #: 001-08400 Rev ** Page 22 of 30
1
1101
N/A
N/A
N/A
Table 8. PLL3/SE Configuration Table (continued)
GCLK_SEL
B1b4
B1b3
B1b2
B1b1
Pin 27 (17) MHz Pin 25 (18) MHz Spread (%)
Comment
Figure 12. Clock Generator Power up/Run State Diagram
FSC
FSB
FSA
Off
Latches Open
M1
T_delay3
Off
Off
3.3V
T_delay t
C l ock O ff to M 1
CPU_STOP#
PCI_STOP#
Vcc
CKPWRGD/PWRDWN
CK505 SMBUS
CK505 State
BSEL[0..2]
CK505 Core Logic
PLL1
CPU1
PLL2 & PLL3
All Other Clocks
REF Oscillator
T_delay2
Locked
2.0V
Figure 13. BSEL Serial Latching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com