Electronic Components Datasheet Search
  English  ▼

X  

CY28548 Datasheet(PDF) 30 Page - Silicon Laboratories

Part # CY28548
Description  Clock Generator for Intel짰Crestline Chipset
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CY28548 Datasheet(HTML) 30 Page - Silicon Laboratories

Back Button CY28548 Datasheet HTML 23Page - Silicon Laboratories CY28548 Datasheet HTML 24Page - Silicon Laboratories CY28548 Datasheet HTML 25Page - Silicon Laboratories CY28548 Datasheet HTML 26Page - Silicon Laboratories CY28548 Datasheet HTML 27Page - Silicon Laboratories CY28548 Datasheet HTML 28Page - Silicon Laboratories CY28548 Datasheet HTML 29Page - Silicon Laboratories CY28548 Datasheet HTML 30Page - Silicon Laboratories CY28548 Datasheet HTML 31Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
CY28548
......................Document #: 001-08400 Rev ** Page 30 of 30
Package Diagrams
64-Lead Thin Shrunk Small Outline Package (6 mm x 17 mm) Z64
64-Lead QFN 9 x 9 mm (Punch Version) LF64A
1.10[0.043]
0.05[0.002]
0.85[0.033]
SEATING
PLANE
1
0.50[0.020]
8.00[0.315]
0.25[0.010]
6.20[0.244]
16.90[0.665]
8.20[0.322]
6.00[0.236]
0.95[0.037]
0.50[0.020]
BSC
17.10[0.673]
0.15[0.006]
0.75[0.027]
0°-8°
DIMENSIONS IN MM MIN.
MAX.
MAX.
0.17[0.006]
0.27[0.010]
GAUGE PLANE
0.20[0.008]
64
0.10[0.004]
0.20[0.008]
32
33
REFERENCE JEDEC MO-153
Z6424
STANDARD PKG.
LEAD FREE PKG.
ZZ6424
PART #
2
1
PIN1 ID
0.80 DIA.
3
2
C
PLANE
SEATING
N
A
0.20[0.008] REF.
0.05[0.002] MAX.
0.80[0.031] MAX.
1.00[0.039] MAX.
C
0.08[0.003]
1
N
0.20[0.008] R.
9.10[0.358]
8.90[0.350]
8.80[0.346]
8.70[0.342]
0°-12°
0.28[0.011]
0.18[0.007]
0.30[0.012]
0.50[0.020]
0.50[0.020]
7.55[0.297]
7.45[0.293]
0.45[0.018]
0.60[0.024]
0.24[0.009]
(4X)
BY DEVICE TYPE)
(PAD SIZE VARY
E-PAD
TOP VIEW
SIDE VIEW
BOTTOM VIEW
REFERENCE JEDEC MO-220
WEIGHT: 0.2 GRAMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com