Electronic Components Datasheet Search
  English  ▼

X  

CY28548 Datasheet(PDF) 3 Page - Silicon Laboratories

Part # CY28548
Description  Clock Generator for Intel짰Crestline Chipset
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CY28548 Datasheet(HTML) 3 Page - Silicon Laboratories

  CY28548 Datasheet HTML 1Page - Silicon Laboratories CY28548 Datasheet HTML 2Page - Silicon Laboratories CY28548 Datasheet HTML 3Page - Silicon Laboratories CY28548 Datasheet HTML 4Page - Silicon Laboratories CY28548 Datasheet HTML 5Page - Silicon Laboratories CY28548 Datasheet HTML 6Page - Silicon Laboratories CY28548 Datasheet HTML 7Page - Silicon Laboratories CY28548 Datasheet HTML 8Page - Silicon Laboratories CY28548 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
CY28548
........................Document #: 001-08400 Rev ** Page 3 of 30
8
PCI0 / CR#_A
I/O, SE 33 MHz Clock/3.3V Clock Request # Input
Mappable via I2C to control either SRC 0 or SRC 2. Default PCI0.
To configure this pin to serve as a Clock Request pin for either SRC pair 2 or pair
0 using the CR#_A_EN bit located in byte 5 bit 7, first disable PCI output (Hi-z) in
byte 2, bit 1.
0 = PCI0 enabled (default)
1= CR#_A enabled.
Byte 5, bit 6 controls whether CR#_A controls SRC0 or SRC2 pair
Byte 5, bit 6:
0 = CR#_A controls SRC0 pair (default)
1= CR#_A controls SRC2 pair
9
VDD_PCI
PWR
3.3V power supply for PCI PLL
10
PCI1 / CR#_B
I/O, SE 33 MHz Clock/3.3V Clock Request # Input
Mappable via I2C to control either SRC 1 or SRC 4. Default PCI1.
To configure this pin to serve as a Clock Request pin for either SRC pair 1 or pair
4 using the CR#_B_EN bit located in byte 5, bit 5, first disable PCI output (Hi-z) in
byte 2, bit 1.
0 = PCI1 enabled (default)
1= CR#_B enabled.
Byte 5, bit 4 controls whether CR#_B controls SRC1 or SRC4 pair
Byte 5, bit 4:
0 = CR#_B controls SRC1 pair (default)
1= CR#_B controls SRC4 pair
11
PCI2 / TME
I/O, SE 33 MHz Clock output/3.3V-tolerance input for enabling Trusted Mode
Sampled at CKPWRGD assertion:
0 = Normal mode, 1 = Trusted mode (no overclocking)
12
PCI3
O, SE 33 MHz Clock output
13
PCI4 / GCLK_SEL
I/O, SE 33 MHz Clock output/3.3V-tolerant input for selecting graphic clock source
on pin 20, 21, 24 and 25
Sampled on CKPWRGD assertion;
14
PCIF0 / ITP_EN
I/O, SE 33 MHz free running clock output/3.3V LVTTL input to enable SRC8 or
CPU2_ITP (sampled on the CKPWRGD assertion)
1 = CPU2_ITP, 0 = SRC8
15
VSS_PCI
GND
Ground for outputs.
16
VDD_48
PWR
3.3V power supply for outputs and PLL.
17
USB_48 / FSA
I/O
Fixed 48 MHz clock output/3.3V-tolerant input for CPU frequency selection
Refer to DC Electrical Specifications table for Vil_FS and Vih_FS specifications.
18
VSS_48
GND
Ground for outputs.
19
VDD_IO
PWR
3.3V-1.25V power supply for outputs
20
SRCT0 / DOT96T
O, DIF True 100 MHz Differential serial reference clocks/Fixed True 96 MHz clock
output. Selected via GCLK_SEL at CKPWRGD assertion
21
SRCC0 / DOT96C
O, DIF Complementary 100 MHz Differential serial reference clocks/Fixed
complement 96 MHz clock output.
Selected via GCLK_SEL at CKPWRGD assertion
22
VSS_IO
GND
Ground for outputs.
23
VDD_PLL3
PWR
3.3V Power supply for PLL3.
24
SRCT1 /
LCDT_100/27M_NSS
O, DIF,
SE
True 100 MHz differential serial reference clock output/True 100 MHz LCD
video clock output / Non spread 27-MHz video clock output.
Selected via GCLK_SEL at CKPWRGD assertion.
QFN Pin Definitions (continued)
Pin No.
Name
Type
Description
GCLK_SEL
Pin 20
Pin 21
Pin 24
Pin 25
0
DOT96T DOT96C SRC1T/LCD_100T SRC1C/LCD_100C
1
SRCT0
SRCC0
27M_NSS
27M_SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com