Electronic Components Datasheet Search
  English  ▼

X  

Si3050 Datasheet(PDF) 44 Page - Silicon Laboratories

Part # Si3050
Description  PROGRAMMABLE VOICE DAA SOLUTIONS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si3050 Datasheet(HTML) 44 Page - Silicon Laboratories

Back Button Si3050 Datasheet HTML 40Page - Silicon Laboratories Si3050 Datasheet HTML 41Page - Silicon Laboratories Si3050 Datasheet HTML 42Page - Silicon Laboratories Si3050 Datasheet HTML 43Page - Silicon Laboratories Si3050 Datasheet HTML 44Page - Silicon Laboratories Si3050 Datasheet HTML 45Page - Silicon Laboratories Si3050 Datasheet HTML 46Page - Silicon Laboratories Si3050 Datasheet HTML 47Page - Silicon Laboratories Si3050 Datasheet HTML 48Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 128 page
background image
Si3050 + Si3011/18/19
44
Rev. 1.5
5.33. Companding in PCM Mode
The Si3050 supports both µ-Law and A-Law companding formats in addition to 16-bit linear data. The 8-bit
companding schemes follow a segmented curve formatted as a sign bit, three chord bits, and four step bits. µ-Law
is commonly used in North America and Japan, while A-Law is primarily used in Europe. Data format is selected
via the PCMF bits (Register 33). Table 22 on page 45 and Table 23 on page 46 define the µ-Law and A-Law
encoding formats. If linear mode is used the resulting 16-bit data is transmitted in two consecutive 8-bit PCM
highway timeslots as shown in Figure 34.
5.34. 16 kHz Sampling Operation in PCM Mode
The Si3050 can be configured to support a 16 kHz sampling rate and transmit the data on an 8 kHz PCM or GCI
highway bus. By setting the HSSM bit (Register 7, bit 3) to 1, the DAA changes its sampling rate, Fs, to 16 kHz if it
was originally configured for an 8 kHz sampling rate. If µ-law or A-law companding is used, the resulting 8-bit
samples are transmitted in two consecutive 8-bit PCM highway timeslots. If linear mode is used, the resulting 16-bit
samples are transmitted in four consecutive 8-bit PCM highway timeslots as shown in Figure 35.
Figure 34. PCM Highway Transmission, Single Clock Cycle, 16-bit linear mode
(TXS = RXS = 0, PHCF = 0, TRI = 1, PCMF = 11)
Figure 35. PCM Highway Transmission, Single Clock Cycle, 16-bit linear mode
(TXS = RXS = 0, PHCF = 0, TRI = 1, PCMF = 11, HSSM = 1)
01
7
6
5
4
3
2
16
15
14
13
12
11
10
9
818
17
MSB
LSB
MSB
LSB
HI-Z
HI-Z
PCLK
FSYNC
PCLK_CNT
DRX
DTX
MSB
MSB
HI-Z
LSB
LSB
HI-Z
Sample 1
Sample 2
01
7
6
5
4
3
216
15
14
13
12
11
10
9
818
17
19 20
26
25
24
23
22
21
35
34
33
32
31
30
29
28
27
36 37
PCLK
FSYNC
PCLK_CNT
DRX
DTX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com