Electronic Components Datasheet Search
  English  ▼

X  

Si3050 Datasheet(PDF) 87 Page - Silicon Laboratories

Part # Si3050
Description  PROGRAMMABLE VOICE DAA SOLUTIONS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si3050 Datasheet(HTML) 87 Page - Silicon Laboratories

Back Button Si3050 Datasheet HTML 83Page - Silicon Laboratories Si3050 Datasheet HTML 84Page - Silicon Laboratories Si3050 Datasheet HTML 85Page - Silicon Laboratories Si3050 Datasheet HTML 86Page - Silicon Laboratories Si3050 Datasheet HTML 87Page - Silicon Laboratories Si3050 Datasheet HTML 88Page - Silicon Laboratories Si3050 Datasheet HTML 89Page - Silicon Laboratories Si3050 Datasheet HTML 90Page - Silicon Laboratories Si3050 Datasheet HTML 91Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 128 page
background image
Si3050 + Si3011/18/19
Rev. 1.5
87
Reset settings = 0000_0000
Register 33. PCM/SPI Mode Select
Bit
D7D6
D5D4D3D2D1D0
Name
PCML
PCME
PCMF[1:0]
0
PHCF
TRI
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit
Name
Function
7
PCML
PCM Analog Loopback.
0 = Normal operation.
1 = Enables analog data to be received from the line, converted to digital data and trans-
mitted across the ISOcap link. The data passes through the RX filter and is looped back
through the TX filter and is transmitted back out to the line.
5PCME
PCM Enable (Registers 34–37 should be set before PCM transfers are enabled).
0 = Disable PCM transfers.
1 = Enable PCM transfers.
4:3
PCMF[1:0]
PCM Data Format.
00 = A-Law. Signed magnitude data format (refer to Table 23 on page 46).
01 = µ-Law. Signed magnitude data format (refer to Table 22 on page 45).
10 = 8-bit linear. The top 8-bits of the 16-bit linear signal are transferred, and the bottom
8-bits are discarded (2s complement data format).
11 = 16-bit linear (2s complement data format).
2
Reserved
Always write this bit to zero.
1PHCF
PCM Highway Clock Format.
0 = 1 PCLK per data bit.
1 = 2 PCLKs per data bit.
0TRI
Tri-state Bit 0.
0 = Tri-state bit 0 on positive edge of PCLK.
1 = Tri-state bit 0 on negative edge of PCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com