Electronic Components Datasheet Search
  English  ▼

X  

Si3050 Datasheet(PDF) 92 Page - Silicon Laboratories

Part # Si3050
Description  PROGRAMMABLE VOICE DAA SOLUTIONS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si3050 Datasheet(HTML) 92 Page - Silicon Laboratories

Back Button Si3050 Datasheet HTML 88Page - Silicon Laboratories Si3050 Datasheet HTML 89Page - Silicon Laboratories Si3050 Datasheet HTML 90Page - Silicon Laboratories Si3050 Datasheet HTML 91Page - Silicon Laboratories Si3050 Datasheet HTML 92Page - Silicon Laboratories Si3050 Datasheet HTML 93Page - Silicon Laboratories Si3050 Datasheet HTML 94Page - Silicon Laboratories Si3050 Datasheet HTML 95Page - Silicon Laboratories Si3050 Datasheet HTML 96Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 128 page
background image
Si3050 + Si3011/18/19
92
Rev. 1.5
Reset settings = 0000_0000
Register 41. RX Gain Control 3
Bit
D7D6D5
D4D3D2
D1D0
Name
RGA3
RXG3[3:0]
Type
R/W
R/W
Bit
Name
Function
7:5
Reserved Read returns zero.
4RGA3
Receive Gain or Attenuation 2.
0 = Incrementing the RXG3[3:0] bits results in gaining up the receive path.
1 = Incrementing the RXG3[3:0] bits results in attenuating the receive path.
3:0 RXG3[3:0]
Receive Gain 3.
Each bit increment represents 0.1 dB of gain or attenuation, up to a maximum of 1.5 dB.
For example:
RGA3
RXG3[3:0]
Result
X
0000
0 dB gain or attenuation is applied to the receive path.
0
0001
0.1 dB gain is applied to the receive path.
0
:
0
1111
1.5 dB gain is applied to the receive path.
1
0001
0.1 dB attenuation is applied to the receive path.
1
:
1
1111
1.5 dB attenuation is applied to the receive path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com