Electronic Components Datasheet Search
  English  ▼

X  

Si3050 Datasheet(PDF) 49 Page - Silicon Laboratories

Part # Si3050
Description  PROGRAMMABLE VOICE DAA SOLUTIONS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si3050 Datasheet(HTML) 49 Page - Silicon Laboratories

Back Button Si3050 Datasheet HTML 45Page - Silicon Laboratories Si3050 Datasheet HTML 46Page - Silicon Laboratories Si3050 Datasheet HTML 47Page - Silicon Laboratories Si3050 Datasheet HTML 48Page - Silicon Laboratories Si3050 Datasheet HTML 49Page - Silicon Laboratories Si3050 Datasheet HTML 50Page - Silicon Laboratories Si3050 Datasheet HTML 51Page - Silicon Laboratories Si3050 Datasheet HTML 52Page - Silicon Laboratories Si3050 Datasheet HTML 53Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 128 page
background image
Si3050 + Si3011/18/19
Rev. 1.5
49
Figure 38. Sample SPI Control Byte for Broadcast Mode (Write Only)
In Figure 37 the CID field is 0. As this field is decremented in LSB to MSB order, the value decrements for each SDI
down the line. The BRCT and R/W bits remain unchanged as the control word passes through the entire chain. A
unique CID is presented to each device, and the device receiving a CID value of 0 is the target of the operation
(channel 0 in this case). Figure 38 illustrates that in broadcast mode, all bits pass through the chain without
permutation.
Figure 39. Write Operation via an 8-bit SPI Port
Figure 40. Read Operation via an 8-bit SPI Port
Figure 39 and Figure 40 illustrate WRITE and READ operations via an 8-bit SPI controller. Each of these
operations are performed as a 3-byte transfer. The CS pin is asserted between each byte. The CS pin must be
asserted before the first falling edge of SCLK after the DATA byte to indicate to the state machine that only one
byte should be transferred. The state of the SDI pin is ignored during the DATA byte of a read operation.
Figure 41. Write Operation via a 16-bit SPI Port
1
0
1
0
X
X
X
X
SDI0-15
CONTROL
ADDRESS
DATA [7:0]
CSB
SCLK
SDI
SDO
Hi-Z
CONTROL
ADDRESS
XXXXXXXXXXXX
CSB
SCLK
SDI
SDO
Data [7:0]
X X X X X X X X
CSB
SCLK
SDI
SDO
CONTROL
ADDRESS
Data [7:0]
Hi - Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com