Electronic Components Datasheet Search
  English  ▼

X  

Si3050 Datasheet(PDF) 53 Page - Silicon Laboratories

Part # Si3050
Description  PROGRAMMABLE VOICE DAA SOLUTIONS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si3050 Datasheet(HTML) 53 Page - Silicon Laboratories

Back Button Si3050 Datasheet HTML 49Page - Silicon Laboratories Si3050 Datasheet HTML 50Page - Silicon Laboratories Si3050 Datasheet HTML 51Page - Silicon Laboratories Si3050 Datasheet HTML 52Page - Silicon Laboratories Si3050 Datasheet HTML 53Page - Silicon Laboratories Si3050 Datasheet HTML 54Page - Silicon Laboratories Si3050 Datasheet HTML 55Page - Silicon Laboratories Si3050 Datasheet HTML 56Page - Silicon Laboratories Si3050 Datasheet HTML 57Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 128 page
background image
Si3050 + Si3011/18/19
Rev. 1.5
53
In this manner, multiple consecutive registers can be read or written in one transmission sequence. By correctly
manipulating the MX and MR bits, a transmission sequence can continue from the beginning specified address
until an invalid memory location is reached. To end a transmission sequence, the host processor must signal an
end-of-message (EOM) by placing the downstream MX and MR bits inactive for two consecutive frames. The
transmission also can be stopped by the Si3050 by signaling an Abort. This is signaled by placing the upstream
MR bit inactive for at least two consecutive cycles in response to the downstream MX bit going active. An abort is
signaled by the Si3050 for the following reasons:
A read or write to an invalid memory address is attempted
An invalid command sequence is received
A data byte was not received for at least two consecutive frames
A collision occurs on the Monitor data bytes while the Si3050 is transmitting data
When the Si3050 aborts because of an invalid command sequence, the state of the Si3050 does not change. If a
read or write to an invalid memory address is attempted, all previous reads or writes in that transmission sequence
are valid up to the read or write to the invalid memory address. If an EOM is detected before a valid command
sequence is communicated, the Si3050 returns to the idle state and remains unchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com