Electronic Components Datasheet Search
  English  ▼

X  

Si3050 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # Si3050
Description  PROGRAMMABLE VOICE DAA SOLUTIONS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si3050 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button Si3050 Datasheet HTML 4Page - Silicon Laboratories Si3050 Datasheet HTML 5Page - Silicon Laboratories Si3050 Datasheet HTML 6Page - Silicon Laboratories Si3050 Datasheet HTML 7Page - Silicon Laboratories Si3050 Datasheet HTML 8Page - Silicon Laboratories Si3050 Datasheet HTML 9Page - Silicon Laboratories Si3050 Datasheet HTML 10Page - Silicon Laboratories Si3050 Datasheet HTML 11Page - Silicon Laboratories Si3050 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 128 page
background image
Si3050 + Si3011/18/19
8
Rev. 1.5
Table 4. AC Characteristics
(VD = 3.0 to 3.6 V, TA = 0 to 70 °C, Fs = 8000 Hz, see "2. Typical Application Schematic" on page 17)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Sample Rate
Fs
8
—
16
kHz
PCLK Input Frequency
PCLK
256
—
8192
kHz
Receive Frequency Response
Low –3 dBFS Corner, FILT = 0
—
5
—
Hz
Receive Frequency Response
Low –3 dBFS Corner, FILT = 1
—
200
—
Hz
Transmit Full-Scale Level1
VFS
FULL = 0 (0 dBm)
—
1.1
—
VPEAK
FULL = 1 (+3.2 dBm)2
—1.58
—
VPEAK
FULL2 = 1 (+6.0 dBm)2
—2.16
—
VPEAK
Receive Full-Scale Level1,3
VFS
FULL = 0 (0 dBm)
—
1.1
—
VPEAK
FULL = 1 (+3.2 dBm)2
—1.58
—
VPEAK
FULL2 = 1 (+6.0 dBm)2
—2.16
—
VPEAK
Dynamic Range4,5,6
DR
ILIM = 0, DCV = 11, MINI=00
DCR = 0, IL =100 mA
—80
—
dB
Dynamic Range4,5,6
DR
ILIM = 0, DCV = 00, MINI=11
DCR = 0, IL =20mA
—80
—
dB
Dynamic Range4,5,6
DR
ILIM = 1, DCV = 11, MINI=00
DCR = 0, IL =50mA
—80
—
dB
Transmit Total Harmonic
Distortion6,7
THD
ILIM = 0, DCV = 11, MINI=00
DCR = 0, IL =100 mA
—–72
—
dB
Transmit Total Harmonic
Distortion6,7
THD
ILIM = 0, DCV = 00, MINI=11
DCR = 0, IL =20mA
—–78
—
dB
Receive Total Harmonic
Distortion6,7
THD
ILIM = 0, DCV = 00, MINI=11
DCR = 0, IL =20mA
—–78
—
dB
Receive Total Harmonic
Distortion6,7
THD
ILIM = 1,DCV = 11, MINI=00
DCR = 0, IL =50mA
—–78
—
dB
Notes:
1. Measured at TIP and RING with 600 termination at 1 kHz, as shown in Figure 1 on page 6.
2. With FULL = 1, the transmit and receive full-scale level of +3.2 dBm can be achieved with a 600  ac termination.
While the transmit and receive level in dBm varies with reference impedance, the DAA will transmit and receive 1 dBV
into all reference impedances. With FULL2 = 1, the transmit and receive full-scale level of +6.0 dBm can be achieved
with a 600  termination. In this mode, the DAA will transmit and receive +1.5 dBV into all reference impedances.
3. Receive full-scale level produces –0.9 dBFS at DTX.
4. DR = 20 x log (RMS VFS/RMS Vin) + 20 x log (RMS Vin/RMS noise). The RMS noise measurement excludes
harmonics. Here, VFS is the 0 dBm full-scale level per Note 1 above.
5. Measurement is 300 to 3400 Hz. Applies to both transmit and receive paths.
6. Vin=1kHz, –3dBFS.
7. THD = 20 x log (RMS distortion/RMS signal).
8. DRCID = 20 x log (RMS VCID/RMS VIN) + 20 x log (RMS VIN/RMS noise). VCID is the 1.5 V full-scale level with the
enhanced caller ID circuit. With the typical CID circuit, the VCID full-scale level is 6 V peak, and the DRCID decreases to
50 dB.
9. Refer to Tables 10–11 for relative gain accuracy characteristics (passband ripple).
10. Analog hybrid only. ZACIM controlled by ACIM in Register 30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com