Electronic Components Datasheet Search
  English  ▼

X  

CYW43353 Datasheet(PDF) 79 Page - Cypress Semiconductor

Part # CYW43353
Description  Single-Chip 5G MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW43353 Datasheet(HTML) 79 Page - Cypress Semiconductor

Back Button CYW43353 Datasheet HTML 75Page - Cypress Semiconductor CYW43353 Datasheet HTML 76Page - Cypress Semiconductor CYW43353 Datasheet HTML 77Page - Cypress Semiconductor CYW43353 Datasheet HTML 78Page - Cypress Semiconductor CYW43353 Datasheet HTML 79Page - Cypress Semiconductor CYW43353 Datasheet HTML 80Page - Cypress Semiconductor CYW43353 Datasheet HTML 81Page - Cypress Semiconductor CYW43353 Datasheet HTML 82Page - Cypress Semiconductor CYW43353 Datasheet HTML 83Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 113 page
background image
Document No. 002-14949 Rev. *F
Page 79 of 113
PRELIMINARY
CYW43353
15.3 WLAN 2.4 GHz Receiver Performance Specifications
Note: The specifications in Table 32 are specified at the RF port and include the use of an external FEM with LNA from Cypress’s
approved-vendor list (AVL), unless otherwise specified. Results with FEMs that are not on Cypress’s AVL are not guaranteed.
Table 32. WLAN 2.4 GHz Receiver Performance Specifications
Parameter
Condition/Notes
Minimum
Typical
Maximum
Unit
Frequency range
–
2400
–
2500
MHz
RX sensitivity IEEE 802.11b
(8% PER for 1024 octet PSDU)1
1 Mbps DSSS
–
–98.4
–
dBm
2 Mbps DSSS
–
–96.5
–
dBm
5.5 Mbps DSSS
–
–93.7
–
dBm
11 Mbps DSSS
–
–91.4
–
dBm
RX sensitivity IEEE 802.11g
(10% PER for 1024 octet PSDU)a
6 Mbps OFDM
–
–95.5
–
dBm
9 Mbps OFDM
–
–94.1
–
dBm
12 Mbps OFDM
–
–93.2
–
dBm
18 Mbps OFDM
–
–90.6
–
dBm
24 Mbps OFDM
–
–87.3
–
dBm
36 Mbps OFDM
–
–84.0
–
dBm
48 Mbps OFDM
–
–79.3
–
dBm
54 Mbps OFDM
–
–77.8
–
dBm
RX sensitivity IEEE 802.11n
(10% PER for 4096 octet PSDU)a,2.
Defined for default parameters: 800 ns
GI and non-STBC.
20 MHz channel spacing for all MCS rates
MCS0
–
–95.0
–
dBm
MCS1
–
–92.7
–
dBm
MCS2
–
–90.2
–
dBm
MCS3
–
–87.1
–
dBm
MCS4
–
–83.5
–
dBm
MCS5
–
–78.9
–
dBm
MCS6
–
–77.3
–
dBm
MCS7
–
–75.7
–
dBm
RX sensitivity IEEE 802.11n
(10% PER for 4096 octet PSDU)a,3.
Defined for default parameters: 800 ns
GI and non-STBC.
40 MHz channel spacing for all MCS rates
MCS0
–
–92.8
–
dBm
MCS1
–
–89.9
–
dBm
MCS2
–
–87.5
–
dBm
MCS3
–
–84.0
–
dBm
MCS4
–
–80.9
–
dBm
MCS5
–
–76.2
–
dBm
MCS6
–
–74.7
–
dBm
MCS7
–
–73.3
–
dBm
RX sensitivity IEEE 802.11ac
(10% PER for 4096 octet PSDU)a,4.
Defined for default parameters: 800 ns
GI and non-STBC
20 MHz channel spacing for all MCS rates
MCS0
–
–94.3
–
dBm
MCS1
–
–91.9
–
dBm
MCS2
–
–90.1
–
dBm
MCS3
–
–86.9
–
dBm
MCS4
–
–83.4
–
dBm
MCS5
–
–78.9
–
dBm
MCS6
–
–77.3
–
dBm
MCS7
–
–75.6
–
dBm
MCS8
–
–71.2
–
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com