Electronic Components Datasheet Search
  English  ▼

X  

CYW43353 Datasheet(PDF) 81 Page - Cypress Semiconductor

Part # CYW43353
Description  Single-Chip 5G MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW43353 Datasheet(HTML) 81 Page - Cypress Semiconductor

Back Button CYW43353 Datasheet HTML 77Page - Cypress Semiconductor CYW43353 Datasheet HTML 78Page - Cypress Semiconductor CYW43353 Datasheet HTML 79Page - Cypress Semiconductor CYW43353 Datasheet HTML 80Page - Cypress Semiconductor CYW43353 Datasheet HTML 81Page - Cypress Semiconductor CYW43353 Datasheet HTML 82Page - Cypress Semiconductor CYW43353 Datasheet HTML 83Page - Cypress Semiconductor CYW43353 Datasheet HTML 84Page - Cypress Semiconductor CYW43353 Datasheet HTML 85Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 113 page
background image
Document No. 002-14949 Rev. *F
Page 81 of 113
PRELIMINARY
CYW43353
Adjacent channel rejection—DSSS
(Difference between interfering and
desired signal at 8% PER for 1024
octet PSDU with desired signal level
as specified in Condition/Notes)
Desired and interfering signal 30 MHz apart
1 Mbps DSSS
–74 dBm
35
–
–
dB
2 Mbps DSSS
–74 dBm
35
–
–
dB
Desired and interfering signal 25 MHz apart
5.5 Mbps DSSS
–70 dBm
35
–
–
dB
11 Mbps DSSS
–70 dBm
35
–
–
dB
Adjacent channel rejection—OFDM
(Difference between interfering and
desired signal (25 MHz apart) at 10%
PER for 1024 octet PSDU with desired
signal level as specified in Condition/
Notes)
6 Mbps OFDM
–79 dBm
16
–
–
dB
9 Mbps OFDM
–78 dBm
15
–
–
dB
12 Mbps OFDM
–76 dBm
13
–
–
dB
18 Mbps OFDM
–74 dBm
11
–
–
dB
24 Mbps OFDM
–71 dBm
8
–
–
dB
36 Mbps OFDM
–67 dBm
4
–
–
dB
48 Mbps OFDM
–63 dBm
0
–
–
dB
54 Mbps OFDM
–62 dBm
–1
–
–
dB
Adjacent channel rejection MCS0–9
(Difference between interfering and
desired signal (25 MHz apart) at 10%
PER for 4096 octet PSDU with desired
signal level as specified in Condition/
Notes)
MCS0
–79 dBm
16
–
–
dB
MCS1
–76 dBm
13
–
–
dB
MCS2
–74 dBm
11
–
–
dB
MCS3
–71 dBm
8
–
–
dB
MCS4
–67 dBm
4
–
–
dB
MCS5
–63 dBm
0
–
–
dB
MCS6
–62 dBm
–1
–
–
dB
MCS7
–61 dBm
–2
–
–
dB
MCS8
–59 dBm
–4
–
–
dB
MCS9
–57 dBm
–6
–
–
dB
Maximum receiver gain
–
–
–
95
–
dB
Gain control step
–
–
–
3
–
dB
RSSI accuracy8
Range –95 dBm9 to –30 dBm
–5
–
5
dB
Range above –30 dBm
–8
–
8
dB
Return loss
Zo = 50Ω, across the dynamic range
10
11.5
13
dB
Receiver cascaded noise figure
At maximum gain
–
4
–
dB
1.
Derate by 1.5 dB for –40°C to –10°C and 55°C to 85°C.
2.
Sensitivity degradations for alternate settings in MCS modes. MM: 0.5 dB drop, and SGI: 2 dB drop.
3.
Sensitivity degradations for alternate settings in MCS modes. MM: 0.5 dB drop, and SGI: 2 dB drop.
4.
Sensitivity degradations for alternate settings in MCS modes. MM: 0.5 dB drop, and SGI: 2 dB drop.
5.
Sensitivity degradations for alternate settings in MCS modes. MM: 0.5 dB drop, and SGI: 2 dB drop.
6.
The cellular standard listed for each band indicates the type of modulation used to generate the interfering signal in that band for the purpose of this test.
It is not intended to indicate any specific usage of each band in any specific country.
7.
The blocking levels are valid for channels 1 to 11. (For higher channels, the performance may be lower due to third harmonic signals (3 × 824 MHz) falling
within band.)
8.
The minimum and maximum values shown have a 95% confidence level.
9.
–95 dBm with calibration at the time of manufacture, –92 dBm without calibration.
Table 32. WLAN 2.4 GHz Receiver Performance Specifications (Cont.)
Parameter
Condition/Notes
Minimum
Typical
Maximum
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com