Electronic Components Datasheet Search
  English  ▼

X  

CYW43353 Datasheet(PDF) 82 Page - Cypress Semiconductor

Part # CYW43353
Description  Single-Chip 5G MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW43353 Datasheet(HTML) 82 Page - Cypress Semiconductor

Back Button CYW43353 Datasheet HTML 78Page - Cypress Semiconductor CYW43353 Datasheet HTML 79Page - Cypress Semiconductor CYW43353 Datasheet HTML 80Page - Cypress Semiconductor CYW43353 Datasheet HTML 81Page - Cypress Semiconductor CYW43353 Datasheet HTML 82Page - Cypress Semiconductor CYW43353 Datasheet HTML 83Page - Cypress Semiconductor CYW43353 Datasheet HTML 84Page - Cypress Semiconductor CYW43353 Datasheet HTML 85Page - Cypress Semiconductor CYW43353 Datasheet HTML 86Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 113 page
background image
Document No. 002-14949 Rev. *F
Page 82 of 113
PRELIMINARY
CYW43353
15.4 WLAN 2.4 GHz Transmitter Performance Specifications
Note: The specifications in Table 33 include the use of the CYW43353's internal PAs and are specified at the chip port.
Table 33. WLAN 2.4 GHz Transmitter Performance Specifications
Parameter
Condition/Notes
Minimu
m
Typical
Maximu
m
Unit
Frequency range
–
2400
–
2500
MHz
Transmitted power in cellular
and FM bands (at 18.5 dBm,
100% duty cycle,
1 Mbps CCK)1
1.
The cellular standards listed indicate only typical usages of that band in some countries. Other standards may also be used within those bands.
76–108 MHz
FM RX
–
–148.5
–
dBm/Hz
776–794 MHz
–
–
–126.5
–
dBm/Hz
869–960 MHz
cdmaOne, GSM850
–
–162.5
–
dBm/Hz
925–960 MHz
E-GSM
–
–162.5
–
dBm/Hz
1570–1580 MHz
GPS
–
–149.5
–
dBm/Hz
1805–1880 MHz
GSM1800
–
–140.5
–
dBm/Hz
1930–1990 MHz
GSM1900, cdmaOne,
WCDMA
–
–137.5
–
dBm/Hz
2110–2170 MHz
WCDMA
–
–128.5
–
dBm/Hz
2500–2570 MHz
Band 7
–
–104.5
–
dBm/Hz
2300–2400 MHz
Band 40
–
–94.5
–
dBm/Hz
2570–2620 MHz
Band 38
–
–119.5
–
dBm/Hz
2545–2575 MHz
XGP Band
–
–109.5
–
dBm/Hz
Harmonic level (at 18 dBm with
100% duty cycle)
4.8–5.0 GHz
2nd harmonic
–
–7.5
–
dBm/1 MHz
7.2–7.5 GHz
3rd harmonic
–
–17.5
–
dBm/1 MHz
EVM Does Not Exceed
TX power at the chip port for
highest power level setting at
25°C and VBAT = 3.6V with
spectral mask and EVM
compliance2, 3
2.
Derate by 1.5 dB for temperatures less than –10°C or more than 55°C, or voltages less than 3.0V. Derate by 3.0 dB for voltages of less than 2.7V, or
voltages of less than 3.0V at temperatures less than –10°C or greater than 55°C. Derate by 4.5 dB for –40°C to –30°C.
3.
TX power for Channel 1 and Channel 11 is specified by nonvolatile memory parameters.
802.11b (DSSS/CCK)
–9 dB
–
21.5
–
dBm
OFDM, BPSK
–8 dB
–
20
–
dBm
OFDM, QPSK
–13 dB
–
20
–
dBm
OFDM, 16-QAM
–19 dB
–
19
–
dBm
OFDM, 64-QAM (R = 3/4)
–25 dB
–
19
–
dBm
OFDM, 64-QAM (MCS7, HT20)
–27 dB
–
19
–
dBm
OFDM, 256-QAM (MCS8, VHT20)
–30 dB
–
17
–
dBm
OFDM, 256-QAM (MCS8, VHT40)
–32 dB
–
17
–
dBm
Phase noise
37.4 MHz Crystal, Integrated from 10 kHz to 10 MHz
–
0.45
–
Degrees
RMS
TX power control dynamic
range
–
10
–
–
dB
Closed-loop TX power
variation at highest power level
setting
Across full temperature and voltage range. Applies across
10 dBm to 20 dBm output power range.
–
–
±1.5
dB
Carrier suppression
–
15
–
–
dBc
Gain control step
–
–
0.25
–
dB
Return loss at
Chip port TX
Zo = 50Ω
–
6
–
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com