Electronic Components Datasheet Search
  English  ▼

X  

CYW43353 Datasheet(PDF) 96 Page - Cypress Semiconductor

Part # CYW43353
Description  Single-Chip 5G MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW43353 Datasheet(HTML) 96 Page - Cypress Semiconductor

Back Button CYW43353 Datasheet HTML 92Page - Cypress Semiconductor CYW43353 Datasheet HTML 93Page - Cypress Semiconductor CYW43353 Datasheet HTML 94Page - Cypress Semiconductor CYW43353 Datasheet HTML 95Page - Cypress Semiconductor CYW43353 Datasheet HTML 96Page - Cypress Semiconductor CYW43353 Datasheet HTML 97Page - Cypress Semiconductor CYW43353 Datasheet HTML 98Page - Cypress Semiconductor CYW43353 Datasheet HTML 99Page - Cypress Semiconductor CYW43353 Datasheet HTML 100Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 113 page
background image
Document No. 002-14949 Rev. *F
Page 96 of 113
PRELIMINARY
CYW43353
18.1.2 SDIO High-Speed Mode Timing
SDIO high-speed mode timing is shown by the combination of Figure 33 and Table 45.
Figure 33. SDIO Bus Timing (High-Speed Mode)
Table 45. SDIO Bus Timing1 Parameters (High-Speed Mode)
1.
Timing is based on CL
 40pF load on CMD and Data.
Parameter
Symbol
Minimum
Typical
Maximum
Unit
SDIO CLK (all values are referred to minimum VIH and maximum VIL2)
2.
Min. (Vih) = 0.7 × VDDIO and max (Vil) = 0.2 × VDDIO.
Frequency – Data Transfer Mode
fPP
0
–
50
MHz
Frequency – Identification Mode
fOD
0
–
400
kHz
Clock low time
tWL
7––ns
Clock high time
tWH
7––ns
Clock rise time
tTLH
––3ns
Clock fall time
tTHL
––3ns
Inputs: CMD, DAT (referenced to CLK)
Input setup time
tISU
6––ns
Input hold time
tIH
2––ns
Outputs: CMD, DAT (referenced to CLK)
Output delay time – Data Transfer Mode
tODLY
–
–
14
ns
Output hold time
tOH
2.5
–
–
ns
Total system capacitance (each line)
CL
–
–
40
pF
tWL
tWH
fPP
tTHL
tISU
tTLH
tIH
tODLY
Input
Output
50% VDD
tOH
SDIO_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com