Electronic Components Datasheet Search
  English  ▼

X  

CYW43353 Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # CYW43353
Description  Single-Chip 5G MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW43353 Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button CYW43353 Datasheet HTML 18Page - Cypress Semiconductor CYW43353 Datasheet HTML 19Page - Cypress Semiconductor CYW43353 Datasheet HTML 20Page - Cypress Semiconductor CYW43353 Datasheet HTML 21Page - Cypress Semiconductor CYW43353 Datasheet HTML 22Page - Cypress Semiconductor CYW43353 Datasheet HTML 23Page - Cypress Semiconductor CYW43353 Datasheet HTML 24Page - Cypress Semiconductor CYW43353 Datasheet HTML 25Page - Cypress Semiconductor CYW43353 Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 113 page
background image
Document No. 002-14949 Rev. *F
Page 22 of 113
PRELIMINARY
CYW43353
5.3 Link Control Layer
The link control layer is part of the Bluetooth link control functions that are implemented in dedicated logic in the link control unit
(LCU). This layer consists of the command controller that takes commands from the software, and other controllers that are acti-
vated or configured by the command controller to perform the link control tasks. Each task performs a different state in the Bluetooth
Link Controller.
■ Major states:
❐ Standby
❐ Connection
■ Substates:
❐ Page
❐ Page Scan
❐ Inquiry
❐ Inquiry Scan
❐ Sniff
5.4 Test Mode Support
The CYW43353 fully supports Bluetooth Test mode as described in Part I:1 of the Specification of the Bluetooth System Version 3.0.
This includes the transmitter tests, normal and delayed loopback tests, and reduced hopping sequence.
In addition to the standard Bluetooth Test Mode, the CYW43353 also supports enhanced testing features to simplify RF debugging,
qualification, and type-approval testing. These features include:
■ Fixed-frequency carrier-wave (unmodulated) transmission
❐ Simplifies some type-approval measurements (Japan)
❐ Aids in transmitter performance analysis
■ Fixed-frequency constant-receiver mode
❐ Receiver output directed to I/O pin
❐ Allows for direct BER measurements using standard RF test equipment
❐ Facilitates spurious emissions testing for receive mode
■ Fixed frequency constant transmission
❐ Eight-bit fixed pattern or PRBS-9
❐ Enables modulated signal measurements with standard RF test equipment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com