Electronic Components Datasheet Search
  English  ▼

X  

CYW43353 Datasheet(PDF) 95 Page - Cypress Semiconductor

Part # CYW43353
Description  Single-Chip 5G MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW43353 Datasheet(HTML) 95 Page - Cypress Semiconductor

Back Button CYW43353 Datasheet HTML 91Page - Cypress Semiconductor CYW43353 Datasheet HTML 92Page - Cypress Semiconductor CYW43353 Datasheet HTML 93Page - Cypress Semiconductor CYW43353 Datasheet HTML 94Page - Cypress Semiconductor CYW43353 Datasheet HTML 95Page - Cypress Semiconductor CYW43353 Datasheet HTML 96Page - Cypress Semiconductor CYW43353 Datasheet HTML 97Page - Cypress Semiconductor CYW43353 Datasheet HTML 98Page - Cypress Semiconductor CYW43353 Datasheet HTML 99Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 113 page
background image
Document No. 002-14949 Rev. *F
Page 95 of 113
PRELIMINARY
CYW43353
18. Interface Timing and AC Characteristics
18.1 SDIO/gSPI Timing
18.1.1 SDIO Default Mode Timing
SDIO default mode timing is shown by the combination of Figure 32 and Table 44.
Figure 32. SDIO Bus Timing (Default Mode)
Table 44. SDIO Bus Timing1 Parameters (Default Mode)
1.
Timing is based on CL
 40pF load on CMD and Data.
Parameter
Symbol
Minimum
Typical
Maximum
Unit
SDIO CLK (All values are referred to minimum VIH and maximum VIL2)
2.
Min. (Vih) = 0.7 × VDDIO and max (Vil) = 0.2 × VDDIO.
Frequency – Data Transfer mode
fPP
0
–
25
MHz
Frequency – Identification mode
fOD
0
–
400
kHz
Clock low time
tWL
10
–
–
ns
Clock high time
tWH
10
–
–
ns
Clock rise time
tTLH
–
–
10
ns
Clock fall time
tTHL
–
–
10
ns
Inputs: CMD, DAT (referenced to CLK)
Input setup time
tISU
5––ns
Input hold time
tIH
5––ns
Outputs: CMD, DAT (referenced to CLK)
Output delay time – Data Transfer mode
tODLY
0
–
14
ns
Output delay time – Identification mode
tODLY
0
–
50
ns
tWL
tWH
fPP
tTHL
tISU
tTLH
tIH
tODLY
(max)
tODLY
(min)
Input
Output
SDIO_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com