Electronic Components Datasheet Search
  English  ▼

X  

MB90352TASPMC Datasheet(PDF) 34 Page - Cypress Semiconductor

Part # MB90352TASPMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352TASPMC Datasheet(HTML) 34 Page - Cypress Semiconductor

Back Button MB90352TASPMC Datasheet HTML 30Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 31Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 32Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 33Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 34Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 35Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 36Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 37Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 38Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 34 of 83
MB90350 Series
(Continued)
Address
Register
Abbrevia-
tion
Access
Resource name
Initial value
6FH
ROM Mirror Function Select Register
ROMM
W
ROM Mirror
XXXXXXX1B
70H to 7FH
Reserved
80H to 8FH Reserved for CAN Interface 1. Refer to “CAN Controllers”
90H to 9AH
Reserved
9BH
DMA Descriptor Channel Specification
Register
DCSR
R/W
DMA
00000000B
9CH
DMA Status Register L
DSRL
R/W
00000000B
9DH
DMA Status Register H
DSRH
R/W
00000000B
9EH
Address Detect Control Register 0
PACSR0
R/W
Address Match
Detection 0
00000000B
9FH
Delayed Interrupt/Release Register
DIRR
R/W
Delayed Interrupt
XXXXXXX0B
A0H
Low-power Consumption Mode Control
Register
LPMCR
W,R/W
Low Power Consumption
Control Circuit
00011000B
A1H
Clock Selection Register
CKSCR
R,R/W
Low Power Consumption
Control Circuit
11111100B
A2H, A3H
Reserved
A4H
DMA Stop Status Register
DSSR
R/W
DMA
00000000B
A5H
Automatic Ready Function Selection Register
ARSR
W
External Memory
Access
0011XX00B
A6H
External Address Output Control Register
HACR
W
00000000B
A7H
Bus Control Signal Selection Register
ECSR
W
0000000XB
A8H
Watchdog Control Register
WDTC
R,W
Watchdog Timer
XXXXX111B
A9H
Timebase Timer Control Register
TBTC
W,R/W
Timebase timer
1XX00100B
AAH
Watch Timer Control Register
WTC
R,R/W
Watch Timer
1X001000B
ABH
Reserved
ACH
DMA Enable Register L
DERL
R/W
DMA
00000000B
ADH
DMA Enable Register H
DERH
R/W
00000000B
AEH
Flash Control Status Register
(Flash Devices only. Otherwise reserved)
FMCS
R,R/W
Flash Memory
000X0000B
AFH
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com