Electronic Components Datasheet Search
  English  ▼

X  

MB90352TASPMC Datasheet(PDF) 69 Page - Cypress Semiconductor

Part # MB90352TASPMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352TASPMC Datasheet(HTML) 69 Page - Cypress Semiconductor

Back Button MB90352TASPMC Datasheet HTML 65Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 66Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 67Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 68Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 69Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 70Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 71Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 72Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 73Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 69 of 83
MB90350 Series
15.4.13 I2C Timing
(MB90F352(S)/MB90F351(S): TA  40 °C to 105 °C, VCC AVCC 5.0 V 10%, fCP ≤ 24 MHz, VSS AVSS 0 V)
(MB90F352(S)/MB90F351(S): TA  40 °C to 125 °C, VCC AVCC 5.0 V 10%, fCP ≤ 16 MHz, VSS AVSS 0 V)
(Device other than above: TA  40 °C to 125 °C, VCC AVCC 5.0 V 10%, fCP ≤ 24 MHz, VSS AVSS 0 V)
*1 : R,C : Pull-up resistor and load capacitor of the SCL and SDA lines.
*2 : The maximum tHDDAT has only to be met if the device does not stretch the “L” width (tLOW) of the SCL signal.
*3 : A Fast-mode I2C -bus device can be used in a Standard-mode I2C-bus system, but the requirement
tSUDAT ≥ 250 ns must then be met.
*4 : For use at over 100 kHz, set the machine clock to at least 6 MHz.
*5 : Refer to “Note of SDA, SCL set-up time”.
Parameter
Symbol
Condition
Standard-mode
Fast-mode*4
Unit
Min
Max
Min
Max
SCL clock frequency
fSCL
R
1.7 kΩ,
C
50 pF*1
0
100
0
400
kHz
Hold time for (repeated) START condition
SDA↓→SCL↓
tHDSTA
4.0
—
0.6
—
μs
“L” width of the SCL clock
tLOW
4.7
—
1.3
—
μs
“H” width of the SCL clock
tHIGH
4.0
—
0.6
—
μs
Set-up time for a repeated START condition
SCL↑→SDA↓
tSUSTA
4.7
—
0.6
—
μs
Data hold time
SCL↓→SDA↓↑
tHDDAT
0
3.45*2
00.9*3
μs
Data set-up time
SDA↓↑→SCL↑
tSUDAT
250*5
—100*5
—ns
Set-up time for STOP condition
SCL↑→SDA↑
tSUSTO
4.0
—
0.6
—
μs
Bus free time between STOP condition and START
condition
tBUS
4.7
—
1.3
—
μs
SDA
SCL
6 tcp
■ Note of SDA, SCL set-up time
Input data set-up time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com