Electronic Components Datasheet Search
  English  ▼

X  

MB90352TASPMC Datasheet(PDF) 64 Page - Cypress Semiconductor

Part # MB90352TASPMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352TASPMC Datasheet(HTML) 64 Page - Cypress Semiconductor

Back Button MB90352TASPMC Datasheet HTML 60Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 61Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 62Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 63Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 64Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 65Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 66Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 67Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 68Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 64 of 83
MB90350 Series
15.4.7 Ready Input Timing
(TA = –40C to +105C, VCC = 5.0 V 10 %, VSS = 0.0 V, fCP ≤ 24 MHz)
Note : If the RDY set-up time is insufficient, use the auto-ready function.
Parameter
Symbol
Pin
Condition
Value
Units
Remarks
Min
Max
RDY set-up time
tRYHS
RDY
—
45
—
ns
fCP 16 MHz
32
—
ns
fCP 24 MHz
RDY hold time
tRYHH
RDY
0
—
ns
CLK
2.4 V
ALE
RD/WR
RDY
(When WAIT is not used.)
VIH
VIH
tRYHH
RDY
(When WAIT is used.)
tRYHS
VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com