Electronic Components Datasheet Search
  English  ▼

X  

MB90352TASPMC Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # MB90352TASPMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352TASPMC Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button MB90352TASPMC Datasheet HTML 16Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 17Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 18Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 19Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 20Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 21Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 22Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 23Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 20 of 83
MB90350 Series
(Continued)
Type
Circuit
Remarks
I
• CMOS level output
(IOL = 4 mA, IOH = 4 mA)
• CMOS hysteresis inputs (With the standby-time
input shutdown function)
• Automotive input (With the standby-time input
shutdown function)
• A/D analog input
K
• Power supply input protection circuit
L
• A/D converter reference voltage power supply
input pin, with the protection circuit
• Flash memory devices do not have a
protection circuit against VCC for pin
AVRH.
CMOS
hysteresis inputs
Automotive inputs
Standby control for
input shutdown
Analog input
Pout
Nout
R
P-ch
N-ch
P-ch
N-ch
ANE
AVR
ANE
P-ch
N-ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com