Electronic Components Datasheet Search
  English  ▼

X  

MB90352TASPMC Datasheet(PDF) 74 Page - Cypress Semiconductor

Part # MB90352TASPMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352TASPMC Datasheet(HTML) 74 Page - Cypress Semiconductor

Back Button MB90352TASPMC Datasheet HTML 70Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 71Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 72Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 73Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 74Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 75Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 76Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 77Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 78Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 74 of 83
MB90350 Series
15.6 Definition of A/D Converter Terms
(Continued)
Resolution
: Analog variation that is recognized by an A/D converter.
Non linearity error
: Deviation between a line across zero-transition line ( “00 0000 0000” ← → “00 0000 0001” ) and full-scale
transition line ( “11 1111 1110” ← → “11 1111 1111” ) and actual conversion characteristics.
Differential
linearity error
: Deviation of input voltage, which is required for changing output code by 1 LSB, from an ideal value.
Total error
:
Difference between an actual value and a theoretical value. A total error includes zero transition error,
full-scale transition error, and linear error.
3FFH
3FEH
3FDH
004H
003H
002H
001H
AVSS
AVRH
VNT
1.5 LSB
0.5 LSB
{1 LSB
× (N − 1) + 0.5 LSB}
Actual conversion
characteristics
(Actual measurement value)
Actual conversion
characteristics
Ideal characteristics
Analog input
Total error
Total error of digital output “N”
VNT {1 LSB × (N 1) 0.5 LSB}
1 LSB
[LSB]
1 LSB
(Ideal value) AVRH AVSS
1024
[V]
VOT (Ideal value) AVSS 0.5 LSB [V]
VFST (Ideal value) AVRH 1.5 LSB [V]
VNT : A voltage at which digital output transits from (N 1) to N.
N : A/D converter digital output value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com