Electronic Components Datasheet Search
  English  ▼

X  

MB90352TASPMC Datasheet(PDF) 37 Page - Cypress Semiconductor

Part # MB90352TASPMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352TASPMC Datasheet(HTML) 37 Page - Cypress Semiconductor

Back Button MB90352TASPMC Datasheet HTML 33Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 34Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 35Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 36Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 37Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 38Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 39Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 40Page - Cypress Semiconductor MB90352TASPMC Datasheet HTML 41Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 37 of 83
MB90350 Series
(Continued)
Address
Register
Abbreviation
Access
Resource name
Initial value
792CH
Input Capture Register 6
IPCP6
R
Input Capture 6/7
XXXXXXXXB
792DH
Input Capture Register 6
IPCP6
R
XXXXXXXXB
792EH
Input Capture Register 7
IPCP7
R
XXXXXXXXB
792FH
Input Capture Register 7
IPCP7
R
XXXXXXXXB
7930H to
7937H
Reserved
7938H
Output Compare Register 4
OCCP4
R/W
Output Compare 4/5
XXXXXXXXB
7939H
Output Compare Register 4
OCCP4
R/W
XXXXXXXXB
793AH
Output Compare Register 5
OCCP5
R/W
XXXXXXXXB
793BH
Output Compare Register 5
OCCP5
R/W
XXXXXXXXB
793CH
Output Compare Register 6
OCCP6
R/W
Output Compare 6/7
XXXXXXXXB
793DH
Output Compare Register 6
OCCP6
R/W
XXXXXXXXB
793EH
Output Compare Register 7
OCCP7
R/W
XXXXXXXXB
793FH
Output Compare Register 7
OCCP7
R/W
XXXXXXXXB
7940H
Timer Data Register 0
TCDT0
R/W
I/O Timer 0
00000000B
7941H
Timer Data Register 0
TCDT0
R/W
00000000B
7942H
Timer Control Status Register 0
TCCSL0
R/W
00000000B
7943H
Timer Control Status Register 0
TCCSH0
R/W
0XXXXXXXB
7944H
Timer Data Register 1
TCDT1
R/W
I/O Timer 1
00000000B
7945H
Timer Data Register 1
TCDT1
R/W
00000000B
7946H
Timer Control Status Register 1
TCCSL1
R/W
00000000B
7947H
Timer Control Status Register 1
TCCSH1
R/W
0XXXXXXXB
7948H
Timer Register 0/Reload Register 0
TMR0/TMRL
R0
R/W
16-bit Reload Timer 0
XXXXXXXXB
7949H
R/W
XXXXXXXXB
794AH
Timer Register 1/Reload Register 1
TMR1/TMRL
R1
R/W
16-bit Reload Timer 1
XXXXXXXXB
794BH
R/W
XXXXXXXXB
794CH
Timer Register 2/Reload Register 2
TMR2/TMRL
R2
R/W
16-bit Reload Timer 2
XXXXXXXXB
794DH
R/W
XXXXXXXXB
794EH
Timer Register 3/Reload Register 3
TMR3/TMRL
R3
R/W
16-bit Reload Timer 3
XXXXXXXXB
794FH
R/W
XXXXXXXXB
7950H
Serial Mode Register 3
SMR3
W, R/W
UART3
00000000B
7951H
Serial Control Register 3
SCR3
W, R/W
00000000B
7952H
Reception/Transmission Data Register 3
RDR3/TDR3
R/W
00000000B
7953H
Serial Status Register 3
SSR3
R,R/W
00001000B
7954H
Extended Communication Control Register 3
ECCR3
R,W,
R/W
000000XXB
7955H
Extended Status/Control Register 3
ESCR3
R/W
00000100B
7956H
Baud Rate Generator Register 30
BGR30
R/W
00000000B
7957H
Baud Rate Generator Register 31
BGR31
R/W
00000000B
7958H,
7959H
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com