Electronic Components Datasheet Search
  English  ▼

X  

S34MS02G2 Datasheet(PDF) 38 Page - Cypress Semiconductor

Part # S34MS02G2
Description  1 Gbit/2 Gbit/4 Gbit SLC NAND Flash for Embedded
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S34MS02G2 Datasheet(HTML) 38 Page - Cypress Semiconductor

Back Button S34MS02G2 Datasheet HTML 34Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 35Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 36Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 37Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 38Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 39Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 40Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 41Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 42Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 74 page
background image
Document Number: 002-03238 Rev. *E
Page 38 of 74
S34MS01G2
S34MS02G2
S34MS04G2
5.6
Pin Capacitance
Note:
1. For the stacked devices version the Input is 10 pF x [number of stacked chips] and the Input/Output is 10 pF x [number of stacked chips].
5.7
Program / Erase Characteristics
Notes:
1. Typical program time is defined as the time within which more than 50% of the whole pages are programmed (VCC = 1.8V, 25°C).
2. Copy Back Read and Copy Back Program for a given plane must be between odd address pages or between even address pages for the device to meet the program
time (tPROG) specification. Copy Back Program may not meet this specification when copying from an odd address page (source page) to an even address page
(target page) or from an even address page (source page) to an odd address page (target page).
Table 5.6 Pin Capacitance (TA = 25°C, f=1.0 MHz)
Parameter
Symbol
Test Condition
Min
Max
Unit
Input
CIN
VIN = 0V
—
10
pF
Input / Output
CIO
VIL = 0V
—
10
pF
Table 5.7 Program / Erase Characteristics
Parameter
Description
Min
Typ
Max
Unit
Program Time / Multiplane Program Time (2)tPROG
—
300
700
µs
Dummy Busy Time for Multiplane Program (S34MS02G2, S34MS04G2)tDBSY
—0.5
1
µs
Cache Program short busy time
tCBSYW
—5
tPROG
µs
Number of partial Program Cycles in the same page
Main + Spare
NOP
—
—
4
Cycle
Block Erase Time (S34MS01G2)
tBERS
—3
10
ms
Block Erase Time (S34MS02G2, S34MS04G2)
tBERS
—3.5
10
ms
Read Cache busy time (S34MS01G2)
tCBSYR
—3
tR
µs
Read Cache busy time (S34MS02G2, S34MS04G2)
tCBSYR
—5
tR
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com