Electronic Components Datasheet Search
  English  ▼

X  

S34MS02G2 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # S34MS02G2
Description  1 Gbit/2 Gbit/4 Gbit SLC NAND Flash for Embedded
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S34MS02G2 Datasheet(HTML) 2 Page - Cypress Semiconductor

  S34MS02G2 Datasheet HTML 1Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 2Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 3Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 4Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 5Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 6Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 7Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 8Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 74 page
background image
Document Number: 002-03238 Rev. *E
Page 2 of 74
S34MS01G2
S34MS02G2
S34MS04G2
Contents
1.
General Description...................................................... 3
1.1
Logic Diagram .................................................. 4
1.2
Connection Diagram......................................... 5
1.3
Pin Description ................................................. 7
1.4
Block Diagram .................................................. 8
1.5
Array Organization............................................ 9
1.6
Addressing...................................................... 11
1.6.1 S34MS01G211
1.6.2 S34MS02G212
1.6.3 S34MS04G213
1.7
Mode Selection............................................... 14
2.
Bus Operation ............................................................. 15
2.1
Command Input .............................................. 15
2.2
Address Input ................................................. 15
2.3
Data Input ....................................................... 15
2.4
Data Output .................................................... 15
2.5
Write Protect................................................... 15
2.6
Standby .......................................................... 15
3.
Command Set.............................................................. 16
3.1
Page Read...................................................... 17
3.2
Page Program ................................................ 17
3.3
Multiplane Program — S34MS02G2 and
S34MS04G2 ................................................... 18
3.4
Page Reprogram ............................................ 18
3.5
Block Erase .................................................... 20
3.6
Multiplane Block Erase — S34MS02G2 and
S34MS04G2 ................................................... 20
3.7
Copy Back Program ....................................... 21
3.8
Read Status Register ..................................... 22
3.9
Read Status Enhanced — S34MS02G2 and
S34MS04G2 ................................................... 22
3.10
Read Status Register Field Definition............. 22
3.11
Reset .............................................................. 23
3.12
Read Cache.................................................... 23
3.13
Cache Program .............................................. 24
3.14
Multiplane Cache Program — S34MS02G2 and
S34MS04G2 ................................................... 25
3.15
Read ID .......................................................... 26
3.16
Read ID2 ........................................................ 28
3.17
Read ONFI Signature ..................................... 28
3.18
Read Parameter Page.................................... 28
3.19
Read Unique ID (Contact Factory) ................. 31
3.20
One-Time Programmable (OTP) Entry........... 32
4.
Signal Descriptions .................................................... 33
4.1
Data Protection and Power On / Off Sequence...
33
4.2
Ready/Busy .................................................... 33
4.3
Write Protect Operation .................................. 34
5.
Electrical Characteristics ........................................... 35
5.1
Valid Blocks .................................................... 35
5.2
Absolute Maximum Ratings............................ 35
5.3
AC Test Conditions......................................... 35
5.4
AC Characteristics.......................................... 36
5.5
DC Characteristics.......................................... 37
5.6
Pin Capacitance ............................................. 38
5.7
Program / Erase Characteristics..................... 38
6.
Timing Diagrams......................................................... 39
6.1
Command Latch Cycle ................................... 39
6.2
Address Latch Cycle ...................................... 40
6.3
Data Input Cycle Timing ................................. 40
6.4
Data Output Cycle Timing (CLE=L, WE#=H,
ALE=L, WP#=H)............................................. 41
6.5
Data Output Cycle Timing (EDO Type, CLE=L,
WE#=H, ALE=L)............................................. 41
6.6
Page Read Operation..................................... 42
6.7
Page Read Operation (Interrupted by CE#) ... 43
6.8
Page Read Operation Timing with CE# Don’t
Care................................................................ 44
6.9
Page Program Operation ............................... 44
6.10
Page Program Operation Timing with CE# Don’t
Care................................................................ 45
6.11
Page Program Operation with Random Data In-
put .................................................................. 45
6.12
Random Data Output In a Page ..................... 46
6.13
Multiplane Page Program Operation —
S34MS02G2 and S34MS04G2 ...................... 46
6.14
Block Erase Operation ................................... 47
6.15
Multiplane Block Erase — S34MS02G2 and
S34MS04G2................................................... 48
6.16
Copy Back Read with Optional Data Readout 49
6.17
Copy Back Program Operation With Random
Data Input....................................................... 49
6.18
Multiplane Copy Back Program — S34MS02G2
and S34MS04G2............................................ 50
6.19
Read Status Register Timing.......................... 51
6.20
Read Status Enhanced Timing....................... 52
6.21
Reset Operation Timing ................................. 52
6.22
Read Cache ................................................... 53
6.23
Cache Program .............................................. 55
6.24
Multiplane Cache Program — S34MS02G2 and
S34MS04G2................................................... 56
6.25
Read ID Operation Timing.............................. 58
6.26
Read ID2 Operation Timing............................ 58
6.27
Read ONFI Signature Timing ......................... 59
6.28
Read Parameter Page Timing........................ 59
6.29
Read Unique ID Timing (Contact Factory) ..... 60
6.30
OTP Entry Timing........................................... 60
6.31
Power On and Data Protection Timing........... 61
6.32
WP# Handling ................................................ 62
7.
Physical Interface ....................................................... 63
7.1
Physical Diagram ........................................... 63
8.
System Interface ......................................................... 66
9.
Error Management ...................................................... 68
9.1
System Bad Block Replacement .................... 68
9.2
Bad Block Management ................................. 69
10. Ordering Information.................................................. 70
11. Document History....................................................... 71
Sales, Solutions, and Legal Information ........................... 74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com