Electronic Components Datasheet Search
  English  ▼

X  

S34MS02G2 Datasheet(PDF) 53 Page - Cypress Semiconductor

Part # S34MS02G2
Description  1 Gbit/2 Gbit/4 Gbit SLC NAND Flash for Embedded
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S34MS02G2 Datasheet(HTML) 53 Page - Cypress Semiconductor

Back Button S34MS02G2 Datasheet HTML 49Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 50Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 51Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 52Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 53Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 54Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 55Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 56Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 57Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 74 page
background image
Document Number: 002-03238 Rev. *E
Page 53 of 74
S34MS01G2
S34MS02G2
S34MS04G2
6.22
Read Cache
Figure 6.25 Read Cache Operation Timing
Figure 6.26 “Sequential” Read Cache Timing, Start (and Continuation) of Cache Operation
Page N
Page N
Page N + 1
Page N + 2
Page N + 1
Page N + 3
Page N + 2
Page N + 3
Data Cache
Page Buffer
Cell Array
Page N
Page N + 1
Page N + 2
Page N + 3
1
1
2
3
3
4
5
5
6
7
7
8
9
CE#
CLE
ALE
WE#
RE#
I/Ox
R/B#
CE#
CLE
ALE
WE#
RE#
I/Ox
R/B#
A
A
1
2
3
7
8
9
6
00h
Col.
Add 1
Col.
Add 2
Column Address 00h
Row
Add 1
Row
Add 2
Page Address N
30h
31h
Dout
0
Dout
1
Dout
31h
Dout
0
Dout
1
Col. Add. 0
Page N + 2
3Fh
Dout
0
Dout
1
Dout
31h
Dout
0
Dout
Dout
1
Dout
tWC
tWB
tR
tCBSYR
tWB
tRR
tWB
Col. Add. 0
Page N
Col. Add. 0
Page N + 1
tRC
tRC
tRR
tCBSYR
tCBSYR
tWB
tRR
tRC
tCBSYR
tWB
tRR
tRC
Col. Add. 0
Page N + 3
= Don’t Care
Row
Add 3
4
5
5
CMD
CMD
Dout
Dout
Dout
CMD
Dout
0
D
h
0
3
31h
...
Dn
31h
D0
Cycle Type
I/Ox
SR[6]
tRR
As defined for
Read
tRR
tWB
tR
tWB
tCBSYR
tWB
tCBSYR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com