Electronic Components Datasheet Search
  English  ▼

X  

S34MS02G2 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # S34MS02G2
Description  1 Gbit/2 Gbit/4 Gbit SLC NAND Flash for Embedded
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S34MS02G2 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button S34MS02G2 Datasheet HTML 9Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 10Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 11Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 12Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 13Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 14Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 15Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 16Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
Document Number: 002-03238 Rev. *E
Page 13 of 74
S34MS01G2
S34MS02G2
S34MS04G2
1.6.3
S34MS04G2
Notes:
1. CAx = Column Address bit.
2. PAx = Page Address bit.
3. PLA0 = Plane Address bit zero.
4. BAx = Block Address bit.
5. Block address concatenated with page address and plane address = actual
page address, also known as the row address.
6. I/O[15:8] are not used during the addressing sequence and should be driven
Low.
For the x8 address bits, the following rules apply:
A0 - A11: column address in the page
A12 - A17: page address in the block
A18: plane address (for multiplane operations) / block
address (for normal operations)
A19 - A29: block address
For the x16 address bits, the following rules apply:
A0 - A10: column address in the page
A11 - A16: page address in the block
A17: plane address (for multiplane operations) / block
address (for normal operations)
A18 - A28: block address
Table 1.5 Address Cycle Map — 4 Gb Device
Bus Cycle
I/O [15:8]
(6)
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
x8
1st / Col. Add. 1
—
A0 (CA0)
A1 (CA1)
A2 (CA2)
A3 (CA3)
A4 (CA4)
A5 (CA5)
A6 (CA6)
A7 (CA7)
2nd / Col. Add. 2
—
A8 (CA8)
A9 (CA9)
A10 (CA10)
A11 (CA11)
Low
Low
Low
Low
3rd / Row Add. 1
—
A12 (PA0)
A13 (PA1)
A14 (PA2)
A15 (PA3)
A16 (PA4)
A17 (PA5)
A18 (PLA0)
A19 (BA0)
4th / Row Add. 2
—
A20 (BA1)
A21 (BA2)
A22 (BA3)
A23 (BA4)
A24 (BA5)
A25 (BA6)
A26 (BA7)
A27 (BA8)
5th / Row Add. 3
—
A28 (BA9)
A29 (BA10)
Low
Low
Low
Low
Low
Low
x16
1st / Col. Add. 1
Low
A0 (CA0)
A1 (CA1)
A2 (CA2)
A3 (CA3)
A4 (CA4)
A5 (CA5)
A6 (CA6)
A7 (CA7)
2nd / Col. Add. 2
Low
A8 (CA8)
A9 (CA9)
A10 (CA10)
Low
Low
Low
Low
Low
3rd / Row Add. 1
Low
A11 (PA0)
A12 (PA1)
A13 (PA2)
A14 (PA3)
A15 (PA4)
A16 (PA5)
A17 (PLA0)
A18 (BA0)
4th / Row Add. 2
Low
A19 (BA1)
A20 (BA2)
A21 (BA3)
A22 (BA4)
A23 (BA5)
A24 (BA6)
A25 (BA7)
A26 (BA8)
5th / Row Add. 3
Low
A27 (BA9)
A28 (BA10)
Low
Low
Low
Low
Low
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com