Electronic Components Datasheet Search
  English  ▼

X  

S34MS02G2 Datasheet(PDF) 50 Page - Cypress Semiconductor

Part # S34MS02G2
Description  1 Gbit/2 Gbit/4 Gbit SLC NAND Flash for Embedded
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S34MS02G2 Datasheet(HTML) 50 Page - Cypress Semiconductor

Back Button S34MS02G2 Datasheet HTML 46Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 47Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 48Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 49Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 50Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 51Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 52Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 53Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 54Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 74 page
background image
Document Number: 002-03238 Rev. *E
Page 50 of 74
S34MS01G2
S34MS02G2
S34MS04G2
6.18
Multiplane Copy Back Program — S34MS02G2 and S34MS04G2
Figure 6.20 Multiplane Copy Back Program
Notes:
1. Copy Back Program operation is allowed only within the same memory plane.
2. Any command between 11h and 81h is prohibited except 70h, 78h, and FFh.
3. A18 is the plane address bit for x8 devices. A17 is the plane address bit for x16 devices.
I/Ox
R/B#
R/B#
I/Ox
tR
tR
tDBSY
tPROG
1
1
00h
Add. (5 cycles)
35h
Col. Add. 1, 2 and Row Add. 1, 2, 3
Source Address on Plane 0
00h
Add. (5 cycles)
35h
Col. Add. 1, 2 and Row Add. 1, 2, 3
Source Address on Plane 1
85h
Add. (5 cycles)
11h
Col. Add. 1, 2 and Row Add. 1, 2, 3
Destination Address
A0 ~ A11 : Fixed ‘Low’
A12 ~ A17 : Fixed ‘Low’
A18
: Fixed ‘Low’
A19 ~ A28 : Fixed ‘Low’
81h
Add. (5 cycles)
Col. Add. 1, 2 and Row Add. 1, 2, 3
Destination Address
A0 ~ A11 : Fixed ‘Low’
A12 ~ A17 : Valid
A18
: Fixed ‘High’
A19 ~ A28 : Valid
10h
70h
Plane 0
(1)
(3)
Data Field
Spare Field
Plane 1
(2)
(3)
Data Field
Spare Field
Source Page
Source Page
Target Page
Target Page
(1) : Copy Back Read on Plane 0
(2) : Copy Back Read on Plane 1
(3) : Multiplane Copy Back Program
(Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com