Electronic Components Datasheet Search
  English  ▼

X  

S34MS02G2 Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # S34MS02G2
Description  1 Gbit/2 Gbit/4 Gbit SLC NAND Flash for Embedded
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S34MS02G2 Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button S34MS02G2 Datasheet HTML 24Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 25Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 26Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 27Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 28Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 29Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 30Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 31Page - Cypress Semiconductor S34MS02G2 Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 74 page
background image
Document Number: 002-03238 Rev. *E
Page 28 of 74
S34MS01G2
S34MS02G2
S34MS04G2
5th ID Data
3.16
Read ID2
The device contains an alternate identification mode, initiated by writing 30h-65h-00h to the command register, followed by address
inputs, followed by command 30h. The address for S34MS01G2 will be
00h-02h-02h-00h. The address for S34MS02G2 and S34MS04G2 will be 00h-02h-02h-00h-00h. The ID2 data can then be read
from the device by pulsing RE#. The command register remains in Read ID2 mode until further commands are issued to it. Figure
6.33 on page 58 shows the Read ID2 command sequence. Read ID2 values are all 0xFs, unless specific values are requested when
ordering from Cypress.
3.17
Read ONFI Signature
To retrieve the ONFI signature, the command 90h together with an address of 20h shall be entered (i.e. it is not valid to enter an
address of 00h and read 36 bytes to get the ONFI signature). The ONFI signature is the ASCII encoding of 'ONFI' where 'O' = 4Fh,
'N' = 4Eh, 'F' = 46h, and 'I' = 49h. Reading beyond four bytes yields indeterminate values. Figure 6.34 on page 59 shows the
operation sequence.
3.18
Read Parameter Page
The device supports the ONFI Read Parameter Page operation, initiated by writing ECh to the command register, followed by an
address input of 00h. The host may monitor the R/B# pin or wait for the maximum data transfer time (tR) before reading the
Parameter Page data. The command register remains in Parameter Page mode until further commands are issued to it. If the Status
Register is read to determine when the data is ready, the Read Command (00h) must be issued before starting read cycles. Figure
6.35 on page 59 shows the operation sequence, while Table 3.9 explains the parameter fields.
For x16 devices, the upper eight I/Os are not used and are 0xFF.
Note: For 32nm Cypress NAND, for a particular condition, the Read Parameter Page command does not give the correct values. To
overcome this issue, the host must issue a Reset command before the Read Parameter Page command. Issuance of Reset before
the Read Parameter Page command will provide the correct values and will not output 00h values.
Table 3.8 Read ID Byte 5 Description — S34MS02G2 and S34MS04G2
Description
I/O7
I/O6 I/O5 I/O4
I/O3 I/O2
I/O1 I/O0
ECC Level
1 bit / 512 bytes
2 bit / 512 bytes
4 bit / 512 bytes
8 bit / 512 bytes
0 0
0 1
1 0
1 1
Plane Number
1
2
4
8
0 0
0 1
1 0
1 1
Plane Size
(without spare area)
64 Mb
128 Mb
256 Mb
512 Mb
1 Gb
2 Gb
4 Gb
0 0 0
0 0 1
0 1 0
0 1 1
1 0 0
1 0 1
1 1 0
Reserved
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com