Electronic Components Datasheet Search
  English  ▼

X  

LMH2 Datasheet(PDF) 10 Page - Cree, Inc

Part # LMH2
Description  LMH2 LED Modules Family
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LMH2 Datasheet(HTML) 10 Page - Cree, Inc

Back Button LMH2 Datasheet HTML 6Page - Cree, Inc LMH2 Datasheet HTML 7Page - Cree, Inc LMH2 Datasheet HTML 8Page - Cree, Inc LMH2 Datasheet HTML 9Page - Cree, Inc LMH2 Datasheet HTML 10Page - Cree, Inc LMH2 Datasheet HTML 11Page - Cree, Inc LMH2 Datasheet HTML 12Page - Cree, Inc LMH2 Datasheet HTML 13Page - Cree, Inc LMH2 Datasheet HTML 14Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Copyright © 2011-2017 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and the Cree TrueWhite Technology logo are registered trademarks and the
Cree logo is a trademark of Cree, Inc. ENERGY STAR® is a registered trademark of the U.S. Environmental Protection Agency. The UR logo is a registered trademark of UL LLC.
10
LMH2 FaMiLy LED MoDuLEs
rELativE LuMinous FLux vs. CasE tEMPEraturE
LMH2
Test Conditions: I
F=440 mA:850&1250 lmWhiteLight&sunsetdimming
I
F=900 mA:2000&3000 lmWhiteLightdimming
I
F=940 mA:2000&3000 lmsunsetdimming
I
F=940 mA:4000 lmWhiteLightdimming
I
F=1700 mA:6000 lmWhiteLightdimming
I
F=2000 mA:8000 lmWhiteLightdimming
Steady-state operation
Relative Luminous Flux vs. Case Temperature
If = 440 mA: 0850 & 1250; If = 900 mA: 2000 & 3000
0%
20%
40%
60%
80%
100%
120%
20
25
30
35
40
45
50
55
60
65
70
Tc: Case Temperature (ºC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com