Electronic Components Datasheet Search
  English  ▼

X  

LMH2 Datasheet(PDF) 15 Page - Cree, Inc

Part # LMH2
Description  LMH2 LED Modules Family
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LMH2 Datasheet(HTML) 15 Page - Cree, Inc

Back Button LMH2 Datasheet HTML 11Page - Cree, Inc LMH2 Datasheet HTML 12Page - Cree, Inc LMH2 Datasheet HTML 13Page - Cree, Inc LMH2 Datasheet HTML 14Page - Cree, Inc LMH2 Datasheet HTML 15Page - Cree, Inc LMH2 Datasheet HTML 16Page - Cree, Inc LMH2 Datasheet HTML 17Page - Cree, Inc LMH2 Datasheet HTML 18Page - Cree, Inc LMH2 Datasheet HTML 19Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Copyright © 2011-2017 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and the Cree TrueWhite Technology logo are registered trademarks and the
Cree logo is a trademark of Cree, Inc. ENERGY STAR® is a registered trademark of the U.S. Environmental Protection Agency. The UR logo is a registered trademark of UL LLC.
15
LMH2 FaMiLy LED MoDuLEs
PHotoMEtry
400
0
45
90
800
1200
1600
2000 lm
3000 lm
2000 lm
3000 lm
400
0
45
90
800
1200
1600
400
0
45
90
800
1200
1600
300
200
100
0
45
90
400
500
600
Flat Lens
Flat Lens
Dome Lens
Dome Lens
2000 lm
3000 lm
Flat Lens
Flat Lens
2000 lm
3000 lm
Dome Lens
Dome Lens
300
200
100
0
45
90
400
500
600
300
100
0
45
90
500
200
0
45
90
400
600
1250 lm
1250 lm
850 lm
850 lm
Flat Lens
Flat Lens
Dome Lens
Dome Lens
1250 lm
850 lm
Flat Lens
Flat Lens
1250 lm
850 lm
Dome Lens
Dome Lens
105
105
1250 lm
1250 lm
850 lm
850 lm
Flat Lens
Flat Lens
Dome Lens
Dome Lens
300
100
0
45
90
500
1250 lm
850 lm
Flat Lens
Flat Lens
200
0
45
90
400
600
1250 lm
850 lm
Dome Lens
Dome Lens
105
With Flat Lens
With Dome Lens
400
0
45
90
800
1200
1600
2000 lm
3000 lm
2000 lm
3000 lm
400
0
45
90
800
1200
1600
400
0
45
90
800
1200
1600
300
200
100
0
45
90
400
500
600
Flat Lens
Flat Lens
Dome Lens
Dome Lens
2000 lm
3000 lm
Flat Lens
Flat Lens
2000 lm
3000 lm
Dome Lens
Dome Lens
300
200
100
0
45
90
400
500
600
300
100
0
45
90
500
200
0
45
90
400
600
1250 lm
1250 lm
850 lm
850 lm
Flat Lens
Flat Lens
Dome Lens
Dome Lens
1250 lm
850 lm
Flat Lens
Flat Lens
1250 lm
850 lm
Dome Lens
Dome Lens
105
105
1250 lm
1250 lm
850 lm
850 lm
Flat Lens
Flat Lens
Dome Lens
Dome Lens
300
100
0
45
90
500
1250 lm
850 lm
Flat Lens
Flat Lens
200
0
45
90
400
600
1250 lm
850 lm
Dome Lens
Dome Lens
105
intensity
(Candlepower)
angle
850
1250
0°
309
461
5°
307
457
15°
297
442
25°
272
405
35°
229
339
45°
177
262
55°
126
187
65°
84
124
75°
53
78
85°
34
50
90°
27
39
intensity
(Candlepower)
angle
850
1250
0°
402
575
5°
399
571
15°
375
539
25°
331
479
35°
270
394
45°
202
297
55°
136
202
65°
79
118
75°
30
45
85°
3
5
90°
0
0
Zonal Lumens - 1250
Zone
Lumens
%
0‑30°
349
27
0-40°
561
44
0‑60°
945
73
0-90°
1224
95
0-180°
1289
100
Zonal Lumens - 850
Zone
Lumens
%
0‑30°
233
27
0-40°
375
44
0‑60°
631
73
0-90°
818
95
0-180°
862
100
Zonal Lumens - 1250
Zone
Lumens
%
0‑30°
426
34
0-40°
672
54
0‑60°
1082
86
0-90°
1256
100
0-180°
1256
100
Zonal Lumens - 850
Zone
Lumens
%
0‑30°
295
34
0-40°
464
54
0‑60°
742
87
0-90°
858
100
0-180°
858
100
400
0
45
90
800
1200
1600
2000 lm
3000 lm
2000 lm
3000 lm
400
0
45
90
800
1200
1600
400
0
45
90
800
1200
1600
300
200
100
0
45
90
400
500
600
Flat Lens
Flat Lens
Dome Lens
Dome Lens
2000 lm
3000 lm
Flat Lens
Flat Lens
2000 lm
3000 lm
Dome Lens
Dome Lens
300
200
100
0
45
90
400
500
600
300
100
0
45
90
500
200
0
45
90
400
600
1250 lm
1250 lm
850 lm
850 lm
Flat Lens
Flat Lens
Dome Lens
Dome Lens
1250 lm
850 lm
Flat Lens
Flat Lens
1250 lm
850 lm
Dome Lens
Dome Lens
105
105
1250 lm
1250 lm
850 lm
850 lm
Flat Lens
Flat Lens
Dome Lens
Dome Lens
300
100
0
45
90
500
1250 lm
850 lm
Flat Lens
Flat Lens
200
0
45
90
400
600
1250 lm
850 lm
Dome Lens
Dome Lens
105
intensity
(Candlepower)
angle
2000
3000
0°
683
1008
5°
680
1003
15°
654
965
25°
603
890
35°
527
781
45°
435
645
55°
334
496
65°
237
354
75°
158
236
85°
101
153
90°
79
120
400
0
45
90
800
1200
1600
2000 lm
3000 lm
2000 lm
3000 lm
400
0
45
90
800
1200
1600
400
0
45
90
800
1200
1600
300
200
100
0
45
90
400
500
600
Flat Lens
Flat Lens
Dome Lens
Dome Lens
2000 lm
3000 lm
Flat Lens
Flat Lens
2000 lm
3000 lm
Dome Lens
Dome Lens
300
200
100
0
45
90
400
500
600
300
100
0
45
90
500
200
0
45
90
400
600
1250 lm
1250 lm
850 lm
850 lm
Flat Lens
Flat Lens
Dome Lens
Dome Lens
1250 lm
850 lm
Flat Lens
Flat Lens
1250 lm
850 lm
Dome Lens
Dome Lens
105
105
1250 lm
1250 lm
850 lm
850 lm
Flat Lens
Flat Lens
Dome Lens
Dome Lens
300
100
0
45
90
500
1250 lm
850 lm
Flat Lens
Flat Lens
200
0
45
90
400
600
1250 lm
850 lm
Dome Lens
Dome Lens
105
intensity
(Candlepower)
angle
2000
3000
0°
1043
1563
5°
1034
1551
15°
967
1456
25°
840
1263
35°
661
987
45°
464
688
55°
293
433
65°
166
245
75°
73
110
85°
11
17
90°
0
0
Zonal Lumens - 2000
Zone
Lumens
%
0‑30°
755
37
0-40°
1168
57
0‑60°
1790
87
0-90°
2049
100
0-180°
2049
100
Zonal Lumens - 3000
Zone
Lumens
%
0‑30°
1136
37
0-40°
1752
57
0‑60°
2673
87
0-90°
3058
100
0-180°
3058
100
Zonal Lumens - 2000
Zone
Lumens
%
0‑30°
527
25
0-40°
856
40
0‑60°
1490
70
0-90°
2006
94
0-180°
2129
100
Zonal Lumens - 3000
Zone
Lumens
%
0‑30°
777
25
0-40°
1266
40
0‑60°
2207
70
0-90°
2977
94
0-180°
3165
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com