Electronic Components Datasheet Search
  English  ▼

X  

LMH2 Datasheet(PDF) 18 Page - Cree, Inc

Part # LMH2
Description  LMH2 LED Modules Family
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LMH2 Datasheet(HTML) 18 Page - Cree, Inc

Back Button LMH2 Datasheet HTML 13Page - Cree, Inc LMH2 Datasheet HTML 14Page - Cree, Inc LMH2 Datasheet HTML 15Page - Cree, Inc LMH2 Datasheet HTML 16Page - Cree, Inc LMH2 Datasheet HTML 17Page - Cree, Inc LMH2 Datasheet HTML 18Page - Cree, Inc LMH2 Datasheet HTML 19Page - Cree, Inc LMH2 Datasheet HTML 20Page - Cree, Inc LMH2 Datasheet HTML 21Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Copyright © 2011-2017 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and the Cree TrueWhite Technology logo are registered trademarks and the
Cree logo is a trademark of Cree, Inc. ENERGY STAR® is a registered trademark of the U.S. Environmental Protection Agency. The UR logo is a registered trademark of UL LLC.
18
LMH2 FaMiLy LED MoDuLEs
PErForManCE grouPs - CHroMatiCity
LMH2 test conditions:
I
F=440 mA:850&1250 lmWhiteLight&sunsetdimming
I
F=900 mA:2000&3000 lmWhiteLightdimming
I
F=940 mA:2000&3000 lmsunsetdimming
I
F=940 mA:4000 lmWhiteLightdimming
I
F=1700 mA:6000 lmWhiteLightdimming
I
F=2000 mA:8000 lmWhiteLightdimming
Steady-state operation
LMH2+testconditions:
I
F=450 mA:1250&2000 lmWhiteLightdimming
I
F=600 mA:3000 lmWhiteLightdimming
Steady-state operation
LMH2familymodulesaretestedforchromaticityandplacedintooneoftheregionsdefinedbythefollowingboundingcoordinates.
LMH2familymoduleswillremainwithintheirtargetANSIC78.377Abinatfull‑onoperationaslongastheoperatinglimitslistedinthe
Characteristicssectionsonpage2,page4andpage6arefollowed.
Code
ccx
ccy
27G
0.4499
0.4053
0.4584
0.4177
0.4657
0.4148
0.4571
0.4025
30G
0.4261
0.3984
0.4341
0.4106
0.4416
0.4077
0.4335
0.3956
35G
0.3999
0.3872
0.4073
0.3991
0.4149
0.3963
0.4073
0.3846
40G
0.3891
0.3842
0.3814
0.3868
0.3746
0.3754
0.3821
0.3729
50G
0.3379
0.3512
0.3439
0.3619
0.3515
0.3595
0.3454
0.3489



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com