Electronic Components Datasheet Search
  English  ▼

X  

LMH2 Datasheet(PDF) 16 Page - Cree, Inc

Part # LMH2
Description  LMH2 LED Modules Family
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LMH2 Datasheet(HTML) 16 Page - Cree, Inc

Back Button LMH2 Datasheet HTML 12Page - Cree, Inc LMH2 Datasheet HTML 13Page - Cree, Inc LMH2 Datasheet HTML 14Page - Cree, Inc LMH2 Datasheet HTML 15Page - Cree, Inc LMH2 Datasheet HTML 16Page - Cree, Inc LMH2 Datasheet HTML 17Page - Cree, Inc LMH2 Datasheet HTML 18Page - Cree, Inc LMH2 Datasheet HTML 19Page - Cree, Inc LMH2 Datasheet HTML 20Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Copyright © 2011-2017 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and the Cree TrueWhite Technology logo are registered trademarks and the
Cree logo is a trademark of Cree, Inc. ENERGY STAR® is a registered trademark of the U.S. Environmental Protection Agency. The UR logo is a registered trademark of UL LLC.
16
LMH2 FaMiLy LED MoDuLEs
PHotoMEtry - ContinuED
With Flat Lens
With Dome Lens
intensity
(Candlepower)
angle
4000
0°
1996
5°
1981
15°
1861
25°
1626
35°
1286
45°
907
55°
575
65°
329
75°
151
85°
29
90°
0
500
0
45
90
1000
1500
2000
4000 lm
Flat Lens
intensity
(Candlepower)
angle
4000
0°
1414
5°
1407
15°
1357
25°
1249
35°
1080
45°
873
55°
656
65°
458
75°
301
85°
192
90°
151
500
0
45
90
1000
1500
2000
4000 lm
Dome Lens
105
Zonal Lumens - 4000
Zone
Lumens
%
0‑30°
1457
36
0-40°
2260
56
0‑60°
3477
87
0-90°
4004
100
0-180°
4004
100
Zonal Lumens - 4000
Zone
Lumens
%
0‑30°
785
18
0-40°
1422
33
0‑60°
2751
64
0-90°
4030
94
0-180°
4275
100
intensity
(Candlepower)
angle
6000
0°
1925
5°
1919
15°
1856
25°
1717
35°
1508
45°
1247
55°
961
65°
688
75°
462
85°
299
90°
237
intensity
(Candlepower)
angle
6000
0°
2927
5°
2909
15°
2750
25°
2409
35°
1914
45°
1361
55°
877
65°
512
75°
237
85°
42
90°
0
0
45
90
1000
2000
3000
105
6000 lm
Dome Lens
0
45
90
1000
2000
3000
6000 lm
Flat Lens
Zonal Lumens - 6000
Zone
Lumens
%
0‑30°
2155
36
0-40°
3349
56
0‑60°
5189
86
0-90°
6008
100
0-180°
6008
100
Zonal Lumens - 6000
Zone
Lumens
%
0‑30°
1497
24
0-40°
2440
40
0‑60°
4262
70
0-90°
5766
94
0-180°
6127
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com